Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3L14S Datasheet (PDF) - ON Semiconductor

NB3L14S Datasheet PDF - ON Semiconductor
Part # NB3L14S
Download  NB3L14S Download

File Size   127.09 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.5 V 1:4 LVDS Fanout Buffer

NB3L14S Datasheet (PDF)

Go To PDF Page Download Datasheet
NB3L14S Datasheet PDF - ON Semiconductor

Part # NB3L14S
Download  NB3L14S Click to download

File Size   127.09 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.5 V 1:4 LVDS Fanout Buffer

NB3L14S Datasheet (HTML) - ON Semiconductor

NB3L14S Datasheet HTML 1Page - ON Semiconductor NB3L14S Datasheet HTML 2Page - ON Semiconductor NB3L14S Datasheet HTML 3Page - ON Semiconductor NB3L14S Datasheet HTML 4Page - ON Semiconductor NB3L14S Datasheet HTML 5Page - ON Semiconductor NB3L14S Datasheet HTML 6Page - ON Semiconductor NB3L14S Datasheet HTML 7Page - ON Semiconductor NB3L14S Datasheet HTML 8Page - ON Semiconductor



Similar Part No. - NB3L14S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L02 ONSEMI-NB3L02 Datasheet
200Kb / 4P
   2.8 V, High Precision 1:2 Clock Fanout Buffer
June, 2013 ??Rev. 0
NB3L03 ONSEMI-NB3L03 Datasheet
173Kb / 4P
   2.8 V, High Precision 1:3 Clock Fanout Buffer
February, 2014 ??Rev. 1
NB3L03FCT2G ONSEMI-NB3L03FCT2G Datasheet
173Kb / 4P
   2.8 V, High Precision 1:3 Clock Fanout Buffer
February, 2014 ??Rev. 1
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
More results


Similar Description - NB3L14S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L8504S ONSEMI-NB3L8504S Datasheet
295Kb / 11P
   2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
November, 2014 ??Rev. 1
NB6L14S ONSEMI-NB6L14S Datasheet
216Kb / 11P
   2.5 V 1:4 AnyLevel??Differential Input to LVDS Fanout Buffer/Translator
June, 2009 ??Rev. 0
logo
Pericom Semiconductor C...
PI6C5922504 PERICOM-PI6C5922504 Datasheet
971Kb / 12P
   2.5 GHz 1:4 LVDS Fanout Buffer with Internal Termination
logo
ON Semiconductor
NB6L11SMNGEVB ONSEMI-NB6L11SMNGEVB Datasheet
231Kb / 11P
   2.5 V 1:2 AnyLevel Input to LVDS Fanout Buffer / Translator
November, 2014 ??Rev. 9
NB3L8543S ONSEMI-NB3L8543S Datasheet
234Kb / 12P
   2.5 V/3.3 V Differential 2:1 MUX to 4 LVDS Clock Fanout Buffer Outputs
October, 2014 ??Rev. 1
logo
Asahi Kasei Microsystem...
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
   3.3V LVDS 1:4 Clock Fanout Buffer
logo
Integrated Device Techn...
8SLVD2104 IDT-8SLVD2104 Datasheet
436Kb / 16P
   Dual 1:4, LVDS Output Fanout Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
   2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com