Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C64A-04I/TQ Datasheet (PDF) - Microchip Technology

PIC16C64A-04I/TQ Datasheet PDF - Microchip Technology
Part # PIC16C64A-04I/TQ
Download  PIC16C64A-04I/TQ Download

File Size   2717.69 Kbytes
Page   336 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit CMOS Microcontrollers

PIC16C64A-04I/TQ Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16C64A-04I/TQ Datasheet PDF - Microchip Technology

Part # PIC16C64A-04I/TQ
Download  PIC16C64A-04I/TQ Click to download

File Size   2717.69 Kbytes
Page   336 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit CMOS Microcontrollers

PIC16C64A-04I/TQ Datasheet (HTML) - Microchip Technology

Back Button PIC16C64A-04I/TQ Datasheet HTML 1Page - Microchip Technology PIC16C64A-04I/TQ Datasheet HTML 2Page - Microchip Technology PIC16C64A-04I/TQ Datasheet HTML 3Page - Microchip Technology PIC16C64A-04I/TQ Datasheet HTML 4Page - Microchip Technology PIC16C64A-04I/TQ Datasheet HTML 5Page - Microchip Technology PIC16C64A-04I/TQ Datasheet HTML 6Page - Microchip Technology PIC16C64A-04I/TQ Datasheet HTML 7Page - Microchip Technology PIC16C64A-04I/TQ Datasheet HTML 8Page - Microchip Technology PIC16C64A-04I/TQ Datasheet HTML 9Page - Microchip Technology PIC16C64A-04I/TQ Datasheet HTML 10Page - Microchip Technology Next Button 

PIC16C64A-04I/TQ Product details

GENERAL DESCRIPTION

The PIC16CXX is a family of low-cost, high-perfor mance, CMOS, fully-static, 8-bit microcontrollers.



PIC16C6X Microcontroller Core Features:

• High performance RISC CPU

• Only 35 single word instructions to learn

• All single cycle instructions except for program branches which are two-cycle

• Operating speed: DC - 20 MHz clock input DC - 200 ns instruction cycle

• Interrupt capability

• Eight level deep hardware stack

• Direct, indirect, and relative addressing modes

• Power-on Reset (POR)

• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation

• Programmable code-protection

• Power saving SLEEP mode

• Selectable oscillator options

• Low-power, high-speed CMOS EPROM/ROM technology

• Fully static design

• Wide operating voltage range: 2.5V to 6.0V

• Commercial, Industrial, and Extended temperature ranges

• Low-power consumption:

  •< 2 mA @ 5V, 4 MHz

  •15 µA typical @ 3V, 32 kHz

  •< 1 µA typical standby current



 




Similar Part No. - PIC16C64A-04I/TQ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C64A MICROCHIP-PIC16C64A Datasheet
6Mb / 334P
   null8-Bit CMOS Microcontrollers
1997-2013 11/29/12
PIC16C64A MICROCHIP-PIC16C64A Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
More results


Similar Description - PIC16C64A-04I/TQ

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3C828B SAMSUNG-S3C828B Datasheet
3Mb / 369P
   8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Microchip Technology
PIC16LC62A-04 MICROCHIP-PIC16LC62A-04 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
   CMOS 8-BIT MICROCONTROLLERS
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com