Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74A5-50VAT Datasheet (PDF) - Microchip Technology

TC74A5-50VAT Datasheet PDF - Microchip Technology
Part # TC74A5-50VAT
Download  TC74A5-50VAT Download

File Size   430.04 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Tiny Serial Digital Thermal Sensor

TC74A5-50VAT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74A5-50VAT Datasheet PDF - Microchip Technology

Part # TC74A5-50VAT
Download  TC74A5-50VAT Click to download

File Size   430.04 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Tiny Serial Digital Thermal Sensor

TC74A5-50VAT Datasheet (HTML) - Microchip Technology

Back Button TC74A5-50VAT Datasheet HTML 1Page - Microchip Technology TC74A5-50VAT Datasheet HTML 2Page - Microchip Technology TC74A5-50VAT Datasheet HTML 3Page - Microchip Technology TC74A5-50VAT Datasheet HTML 4Page - Microchip Technology TC74A5-50VAT Datasheet HTML 5Page - Microchip Technology TC74A5-50VAT Datasheet HTML 6Page - Microchip Technology TC74A5-50VAT Datasheet HTML 7Page - Microchip Technology TC74A5-50VAT Datasheet HTML 8Page - Microchip Technology TC74A5-50VAT Datasheet HTML 9Page - Microchip Technology TC74A5-50VAT Datasheet HTML 10Page - Microchip Technology Next Button 

TC74A5-50VAT Product details

General Description
The TC74 is a serially accessible, digital temperature sensor particularly suited for low cost and small form factor applications. Temperature data is converted from the onboard thermal sensing element and made available as an 8-bit digital word.
Communication with the TC74 is accomplished via a 2-wire SMBus/I2C compatible serial port. This bus also can be used to implement multi-drop/multi-zone monitoring. The SHDN bit in the CONFIG register can be used to activate the low power Standby mode. Temperature resolution is 1°C. Conversion rate is a nominal 8 samples/sec. During normal operation, the quiescent current is 200 µA (typ). During standby operation, the quiescent current is 5 µA (typ).
Small size, low installed cost and ease of use make the TC74 an ideal choice for implementing thermal management in a variety of systems.

Features
• Digital Temperature Sensing in SOT-23-5 or TO-220 Packages
• Outputs Temperature as an 8-Bit Digital Word
• Simple SMBus/I2C™ Serial Port Interface
• Solid-State Temperature Sensing:
   - ±2°C (max.) Accuracy from +25°C to +85°C
   - ±3°C (max.) Accuracy from 0°C to +125°C
• Supply Voltage of 2.7V to 5.5V
• Low Power:
   - 200 µA (typ.) Operating Current
   - 5 µA (typ.) Standby Mode Current
  
Applications
• Thermal Protection for Hard Disk Drives and other PC Peripherals
• PC Card Devices for Notebook Computers
• Low Cost Thermostat Controls
• Power Supplies
• Thermistor Replacement



Similar Part No. - TC74A5-50VAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74A5-5.0VAT MICROCHIP-TC74A5-5.0VAT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A5-5.0VCT MICROCHIP-TC74A5-5.0VCT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A5-5.0VCTTR MICROCHIP-TC74A5-5.0VCTTR Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
More results


Similar Description - TC74A5-50VAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74 MICROCHIP-TC74_13 Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
21462C MICROCHIP-21462C Datasheet
325Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
logo
ON Semiconductor
MC74 ONSEMI-MC74 Datasheet
122Kb / 12P
   Serial Digital Temperature Sensor
February, 2000 ??Rev. 0
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com