Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL90842WIV1427Z Datasheet (PDF) - Intersil Corporation

ISL90842WIV1427Z Datasheet PDF - Intersil Corporation
Part # ISL90842WIV1427Z
Download  ISL90842WIV1427Z Download

File Size   676.55 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power I2C® Bus, 256 Taps

ISL90842WIV1427Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL90842WIV1427Z Datasheet PDF - Intersil Corporation

Part # ISL90842WIV1427Z
Download  ISL90842WIV1427Z Click to download

File Size   676.55 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power I2C® Bus, 256 Taps

ISL90842WIV1427Z Datasheet (HTML) - Intersil Corporation

ISL90842WIV1427Z Datasheet HTML 1Page - Intersil Corporation ISL90842WIV1427Z Datasheet HTML 2Page - Intersil Corporation ISL90842WIV1427Z Datasheet HTML 3Page - Intersil Corporation ISL90842WIV1427Z Datasheet HTML 4Page - Intersil Corporation ISL90842WIV1427Z Datasheet HTML 5Page - Intersil Corporation ISL90842WIV1427Z Datasheet HTML 6Page - Intersil Corporation ISL90842WIV1427Z Datasheet HTML 7Page - Intersil Corporation ISL90842WIV1427Z Datasheet HTML 8Page - Intersil Corporation ISL90842WIV1427Z Datasheet HTML 9Page - Intersil Corporation ISL90842WIV1427Z Datasheet HTML 10Page - Intersil Corporation

ISL90842WIV1427Z Product details

The ISL90842 integrates four digitally controlled
potentiometers (DCP) configured as variable resistors on a
monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. Each potentiometer has an associated
Wiper Register (WR) that can be directly written to and read
by the user. The contents of the WR controls the position of
the wiper.
The DCPs can be used as two-terminal variable resistors in
a wide variety of applications including control, parameter
adjustments, and signal processing.

Features
• Four variable resistors in one package
• 256 resistor taps - 0.4% resolution
• I2C serial interface
• Wiper resistance: 70Ω typical @ 3.3V
• Standby current <5µA max
• Power supply: 2.7V to 5.5V
• 50kΩ, 10kΩ total resistance
• 14 Lead TSSOP
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - ISL90842WIV1427Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90842WIV1427Z INTERSIL-ISL90842WIV1427Z Datasheet
673Kb / 10P
   Quad Digitally Controlled Variable Resistors
logo
Renesas Technology Corp
ISL90842WIV1427Z RENESAS-ISL90842WIV1427Z Datasheet
864Kb / 10P
   Quad Digitally Controlled Variable Resistors Low Noise, Low Power I2C Bus, 256 Taps
More results


Similar Description - ISL90842WIV1427Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com