Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7135CPI Datasheet (PDF) - Intersil Corporation

ICL7135CPI Datasheet PDF - Intersil Corporation
Part # ICL7135CPI
Download  ICL7135CPI Download
File Size   516.95 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 41/2 Digit, BCD Output, A/D Converter

ICL7135CPI Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7135CPI Datasheet PDF - Intersil Corporation

Part # ICL7135CPI
Download  ICL7135CPI Click to download

File Size   516.95 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 41/2 Digit, BCD Output, A/D Converter

ICL7135CPI Datasheet (HTML) - Intersil Corporation


ICL7135CPI Product details

The Intersil ICL7135 precision A/D converter, with its
multiplexed BCD output and digit drivers, combines dualslope conversion reliability with ±1 in 20,000 count accuracy
and is ideally suited for the visual display DVM/DPM market.
The 2.0000V full scale capability, auto-zero, and autopolarity are combined with true ratiometric operation, almost
ideal differential linearity and true differential input. All
necessary active devices are contained on a single CMOS
lC, with the exception of display drivers, reference, and a
clock.
The ICL7135 brings together an unprecedented combination
of high accuracy, versatility, and true economy. It features
auto-zero to less than 10μV, zero drift of less than 1μV/oC,
input bias current of 10pA (Max), and rollover error of less
than one count. The versatility of multiplexed BCD outputs is
increased by the addition of several pins which allow it to
operate in more sophisticated systems. These include
STROBE, OVERRANGE, UNDERRANGE, RUN/HOLD and
BUSY lines, making it possible to interface the circuit to a
microprocessor or UART.

Features
• Accuracy Guaranteed to ±1 Count Over Entire ±20000
Counts (2.0000V Full Scale)
• Guaranteed Zero Reading for 0V Input
• 1pA Typical Input Leakage Current
• True Differential Input
• True Polarity at Zero Count for Precise Null Detection
• Single Reference Voltage Required
• Overrange and Underrange Signals Available for AutoRange Capability
• All Outputs TTL Compatible
• Blinking Outputs Gives Visual Indication of Overrange
• Six Auxiliary Inputs/Outputs are Available for Interfacing to
UARTs, Microprocessors, or Other Circuitry
• Multiplexed BCD Outputs
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ICL7135CPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7135CPI INTERSIL-ICL7135CPI Datasheet
733Kb / 15P
4 1/2 Digit, BCD Output, A/D Converter
logo
Maxim Integrated Produc...
ICL7135CPI MAXIM-ICL7135CPI Datasheet
624Kb / 12P
4쩍 Digit A/D Converter with Multiplexed BCD Outputs
19-5041; Rev 0; 1987
logo
Intersil Corporation
ICL7135CPI INTERSIL-ICL7135CPI Datasheet
512Kb / 15P
4쩍 Digit, BCD Output, A/D Converter
ICL7135CPI INTERSIL-ICL7135CPI Datasheet
6Mb / 180P
Data Acquisition
logo
Renesas Technology Corp
ICL7135CPI RENESAS-ICL7135CPI Datasheet
800Kb / 15P
4 1/2 Digit, BCD Output, A/D Converter
More results


Similar Description - ICL7135CPI

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
2-DIGIT SINGLE CHIP A/D CONVERTER
logo
Intersil Corporation
ICL7129 INTERSIL-ICL7129 Datasheet
103Kb / 11P
41/2 Digit LCD, Single-Chip A/D Converter
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
4 1/2 Digit, BCD Output, A/D Converter
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135 Datasheet
624Kb / 12P
4쩍 Digit A/D Converter with Multiplexed BCD Outputs
19-5041; Rev 0; 1987
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
4-1/2 Digit A/D Converter
2002
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
Microchip Technology
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
4-1/2 Digit A/D Converter
2004
logo
Intersil Corporation
ICL7135 INTERSIL-ICL7135_07 Datasheet
512Kb / 15P
4쩍 Digit, BCD Output, A/D Converter
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
4 1/2 Digit, BCD Output, A/D Converter
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135_V01 Datasheet
734Kb / 13P
41/2 Digit A/D Converter with Multiplexed BCD Outputs
2016
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com