Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55141IRZ Datasheet (PDF) - Intersil Corporation

ISL55141IRZ Datasheet PDF - Intersil Corporation
Part # ISL55141IRZ
Download  ISL55141IRZ Download

File Size   424.97 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Speed 18V CMOS Comparators

ISL55141IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL55141IRZ Datasheet PDF - Intersil Corporation

Part # ISL55141IRZ
Download  ISL55141IRZ Click to download

File Size   424.97 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Speed 18V CMOS Comparators

ISL55141IRZ Datasheet (HTML) - Intersil Corporation

Back Button ISL55141IRZ Datasheet HTML 1Page - Intersil Corporation ISL55141IRZ Datasheet HTML 2Page - Intersil Corporation ISL55141IRZ Datasheet HTML 3Page - Intersil Corporation ISL55141IRZ Datasheet HTML 4Page - Intersil Corporation ISL55141IRZ Datasheet HTML 5Page - Intersil Corporation ISL55141IRZ Datasheet HTML 6Page - Intersil Corporation ISL55141IRZ Datasheet HTML 7Page - Intersil Corporation ISL55141IRZ Datasheet HTML 8Page - Intersil Corporation ISL55141IRZ Datasheet HTML 9Page - Intersil Corporation ISL55141IRZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL55141IRZ Product details

ISL55141, ISL55142, ISL55143 integrated circuits are
high-speed, wide input common-mode range comparators.
They provide three-state window comparators in a high
voltage CMOS process (18V). Each comparator has dual
receive thresholds, CVA and CVB, for establishing
minimum 1-VIH and maximum 0-VIL voltage levels. These
devices can accept inputs from a number of logic families,
such as TTL, ECL, CMOS, LVCMOS, LVDS and CML. Two
bits of output per comparator provide the test controller with
qualification of a comparator input into three states. The two
output bits work with a separate user supply to establish
VOH, VOL levels compatibility with the system’s controller
logic levels.
Fast propagation delay (9.5ns typical at ±50mV overdrive)
makes this family compatible with high-speed digital test
systems. The 18V range enables the comparator input to
operate over a wide input range. Two references per input
enable and three state digitalization of input with voltage
swings of up to 13V common mode. The operating
frequency of these devices is typically 65MHz.
High voltage CMOS process makes these devices ideal for
large voltage swing applications, such as special test
voltages levels associated with Flash devices or power
supervision applications and may avoid the need for test bus
isolation relay(s).

Features
• 18V I/O Range
• 65MHz Operation
• 9.5ns Typical Propagation Delay
• Programmable Input Thresholds
• User Defined Comparator OutputLlevels
• Common-Mode Range Includes Negative Rails
• Small Footprints in QFN Packages
• Power-Down Current <10µA
• Pb-Free (RoHS compliant)

Applications
• Burn in ATE
• Low Cost ATE
• Fast Supervisory Power Control
• Instrumentation




Similar Part No. - ISL55141IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55141IRZ INTERSIL-ISL55141IRZ Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141IRZ INTERSIL-ISL55141IRZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55141IRZ RENESAS-ISL55141IRZ Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
More results


Similar Description - ISL55141IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141_0607 INTERSIL-ISL55141_0607 Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com