Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6722AABZ Datasheet (PDF) - Intersil Corporation

ISL6722AABZ Datasheet PDF - Intersil Corporation
Part # ISL6722AABZ
Download  ISL6722AABZ Download

File Size   613.4 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Flexible Single Ended Current Mode PWM Controllers

ISL6722AABZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6722AABZ Datasheet PDF - Intersil Corporation

Part # ISL6722AABZ
Download  ISL6722AABZ Click to download

File Size   613.4 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Flexible Single Ended Current Mode PWM Controllers

ISL6722AABZ Datasheet (HTML) - Intersil Corporation

Back Button ISL6722AABZ Datasheet HTML 1Page - Intersil Corporation ISL6722AABZ Datasheet HTML 2Page - Intersil Corporation ISL6722AABZ Datasheet HTML 3Page - Intersil Corporation ISL6722AABZ Datasheet HTML 4Page - Intersil Corporation ISL6722AABZ Datasheet HTML 5Page - Intersil Corporation ISL6722AABZ Datasheet HTML 6Page - Intersil Corporation ISL6722AABZ Datasheet HTML 7Page - Intersil Corporation ISL6722AABZ Datasheet HTML 8Page - Intersil Corporation ISL6722AABZ Datasheet HTML 9Page - Intersil Corporation ISL6722AABZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL6722AABZ Product details

The ISL6722A and the ISL6723A are low power,
single-ended pulse width modulating (PWM) current mode
controllers designed for a wide range of DC/DC conversion
applications including boost, flyback, and isolated output
configurations. Similar to, and pin compatible with the
ISL6721, the ISL6722A and ISL6723A offer a modified
feature set. The ISL6722A replaces external synchronization
with a low power SLEEP feature that reduces standby
current to under 200µA. The ISL6723A changes the supply
voltage UVLO threshold to 13V. Additionally, the internal
over temperature protection has been removed in both
controllers. Other features remain the same and include a
low power mode during overvoltage and overcurrent
shutdown faults where the supply current drops to 200µA.
An internal 300ms delay timer prevents rapid “hiccup”
behavior when a shutdown fault does occur.
This advanced BiCMOS design features low operating
current, adjustable operating frequency up to 1MHz, and
adjustable soft-start.

Features
• 1A MOSFET Gate Driver
• 100µA Start-up Current
• Fast Transient Response with Peak Current Mode Control
• Adjustable Switching Frequency up to 1MHz
• Low Power Sleep Mode (ISL6722A)
• Low Power Shutdown Mode
• Delayed Restart from OV and OC Shutdown Faults
• Adjustable Slope Compensation
• Adjustable Soft-Start
• Adjustable Overcurrent Shutdown Delay
• Adjustable UV and OV Monitors
• Leading Edge Blanking
• 1% Tolerance Voltage Reference
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
• Isolated Buck and Flyback Regulators
• Boost Regulators




Similar Part No. - ISL6722AABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
logo
Renesas Technology Corp
ISL6722AABZ RENESAS-ISL6722AABZ Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results


Similar Description - ISL6722AABZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Intersil Corporation
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com