Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6612IBZ(Note2) Datasheet (PDF) - Intersil Corporation

ISL6612IBZ(Note2) Datasheet PDF - Intersil Corporation
Part # ISL6612IBZ(Note2)
Download  ISL6612IBZ(Note2) Download
File Size   363.27 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features

ISL6612IBZ(Note2) Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6612IBZ(Note2) Datasheet PDF - Intersil Corporation

Part # ISL6612IBZ(Note2)
Download  ISL6612IBZ(Note2) Click to download

File Size   363.27 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features

ISL6612IBZ(Note2) Datasheet (HTML) - Intersil Corporation


ISL6612IBZ(Note2) Product details

The ISL6612 and ISL6613 are high frequency MOSFET
drivers specifically designed to drive upper and lower power
N-Channel MOSFETs in a synchronous rectified buck
converter topology. These drivers combined with HIP63xx or
ISL65xx Multi-Phase Buck PWM controllers and N-Channel
MOSFETs form complete core-voltage regulator solutions for
advanced microprocessors.
The ISL6612 drives the upper gate to 12V, while the lower
gate can be independently driven over a range from 5V to
12V. The ISL6613 drives both upper and lower gates over a
range of 5V to 12V. This drive-voltage provides the flexibility
necessary to optimize applications involving trade-offs
between gate charge and conduction losses.
An advanced adaptive zero shoot-through protection is
integrated to prevent both the upper and lower MOSFETs from
conducting simultaneously and to minimize the dead time.
These products add an overvoltage protection feature
operational before VCC exceeds its turn-on threshold, at which
the PHASE node is connected to the gate of the low side
MOSFET (LGATE). The output voltage of the converter is then
limited by the threshold of the low side MOSFET, which
provides some protection to the microprocessor if the upper
MOSFET(s) is shorted during startup. The over-temperature
protection feature prevents failures resulting from excessive
power dissipation by shutting off the outputs when its junction
temperature exceeds +150°C (typically). The driver resets once
its junction temperature returns to +108°C (typically).
These drivers also feature a three-state PWM input which,
working together with Intersil’s multi-phase PWM controllers,
prevents a negative transient on the output voltage when the
output is shut down. This feature eliminates the Schottky
diode that is used in some systems for protecting the load
from reversed output voltage events.

Features
• Pin-to-pin Compatible with HIP6601 SOIC family for Better
Performance and Extra Protection Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Advanced Adaptive Zero Shoot-Through Protection
- Body Diode Detection
- Auto-zero of rDS(ON) Conduction Offset Effect
• Adjustable Gate Voltage (5V to 12V) for Optimal Efficiency
• 36V Internal Bootstrap Schottky Diode
• Bootstrap Capacitor Overcharging Prevention
• Supports High Switching Frequency (up to 2MHz)
- 3A Sinking Current Capability
- Fast Rise/Fall Times and Low Propagation Delays
• Three-State PWM Input for Output Stage Shutdown
• Three-State PWM Input Hysteresis for Applications With
Power Sequencing Requirement
• Pre-POR Overvoltage Protection
• VCC Undervoltage Protection
• Over Temperature Protection (OTP) with +42°C
Hysteresis
• Expandable Bottom Copper Pad for Enhanced Heat
Sinking
• Dual Flat No-Lead (DFN) Package
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile
• Pb-Free Available (RoHS Compliant)

Applications
• Core Regulators for Intel® and AMD® Microprocessors
• High Current DC/DC Converters
• High Frequency and High Efficiency VRM and VRD




Similar Part No. - ISL6612IBZ(Note2)

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612IBZ INTERSIL-ISL6612IBZ Datasheet
322Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
July 25, 2005
ISL6612IBZ INTERSIL-ISL6612IBZ Datasheet
250Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
February 26, 2007
logo
Renesas Technology Corp
ISL6612IBZ RENESAS-ISL6612IBZ Datasheet
601Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612IBZ-T RENESAS-ISL6612IBZ-T Datasheet
601Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results


Similar Description - ISL6612IBZ(Note2)

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612 Datasheet
322Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
July 25, 2005
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
February 26, 2007
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
February 26, 2007
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
July 31, 2006
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
March 30, 2006
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594DCBZ INTERSIL-ISL6594DCBZ Datasheet
299Kb / 11P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
December 3, 2007
logo
Renesas Technology Corp
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D RENESAS-ISL6594D Datasheet
639Kb / 11P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com