Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2060D Datasheet (PDF) - Nell Semiconductor Co., Ltd

D2060D Datasheet PDF - Nell Semiconductor Co., Ltd
Part # D2060D
Download  D2060D Download

File Size   227.68 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description High voltage ratings up to 4500V

D2060D Datasheet (PDF)

Go To PDF Page Download Datasheet
D2060D Datasheet PDF - Nell Semiconductor Co., Ltd

Part # D2060D
Download  D2060D Click to download

File Size   227.68 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description High voltage ratings up to 4500V

D2060D Datasheet (HTML) - Nell Semiconductor Co., Ltd

D2060D Datasheet HTML 1Page - Nell Semiconductor Co., Ltd D2060D Datasheet HTML 2Page - Nell Semiconductor Co., Ltd D2060D Datasheet HTML 3Page - Nell Semiconductor Co., Ltd D2060D Datasheet HTML 4Page - Nell Semiconductor Co., Ltd D2060D Datasheet HTML 5Page - Nell Semiconductor Co., Ltd



Similar Part No. - D2060D

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
D2060D NELLSEMI-D2060D Datasheet
699Kb / 5P
   Standard Recovery Diodes
D2060D26 NELLSEMI-D2060D26 Datasheet
699Kb / 5P
   Standard Recovery Diodes
D2060D30 NELLSEMI-D2060D30 Datasheet
699Kb / 5P
   Standard Recovery Diodes
D2060D36 NELLSEMI-D2060D36 Datasheet
699Kb / 5P
   Standard Recovery Diodes
D2060D40 NELLSEMI-D2060D40 Datasheet
699Kb / 5P
   Standard Recovery Diodes
More results


Similar Description - D2060D

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
D2500D NELLSEMI-D2500D Datasheet
228Kb / 5P
   High voltage ratings up to 2500V
D5290E NELLSEMI-D5290E Datasheet
227Kb / 5P
   High voltage ratings up to 3000V
D2140D NELLSEMI-D2140D Datasheet
225Kb / 5P
   High voltage ratings up to 3600V
D3270D NELLSEMI-D3270D Datasheet
226Kb / 5P
   High voltage ratings up to 2200V
D3800E NELLSEMI-D3800E Datasheet
227Kb / 5P
   High voltage ratings up to 5500V
D2630D NELLSEMI-D2630D Datasheet
226Kb / 5P
   High voltage ratings up to 2500V
D3000D NELLSEMI-D3000D Datasheet
228Kb / 5P
   High voltage ratings up to 2500V
D4310E NELLSEMI-D4310E Datasheet
227Kb / 5P
   High voltage ratings up to 3000V
logo
Vishay Siliconix
VS-SD200N VISHAY-VS-SD200N Datasheet
149Kb / 7P
   High voltage ratings up to 2400 V
Revision: 25-Nov-13
logo
Nell Semiconductor Co.,...
D2060C NELLSEMI-D2060C Datasheet
227Kb / 5P
   High voltage ratings up to 2500 V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com