Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S08A150 Datasheet (PDF) - Mospec Semiconductor

S08A150 Datasheet PDF - Mospec Semiconductor
Part # S08A150
Download  S08A150 Download

File Size   186.34 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description Low Forward Voltage

S08A150 Datasheet (PDF)

Go To PDF Page Download Datasheet
S08A150 Datasheet PDF - Mospec Semiconductor

Part # S08A150
Download  S08A150 Click to download

File Size   186.34 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description Low Forward Voltage

S08A150 Datasheet (HTML) - Mospec Semiconductor

S08A150 Datasheet HTML 1Page - Mospec Semiconductor S08A150 Datasheet HTML 2Page - Mospec Semiconductor

S08A150 Product details

8 AMPERES

150 VOLTS



Using the Schottky Barrier principle with a Refractory metal capable of high temperature operation metal. The proprietary barrier technology allows for reliable operation up to 150℃ junction temperature. Typical application are in switching Mode Power Supplies such as adaptators, DC/DC converters, free wheeling and polarity protection diodes.



Features

* Low Forward Voltage.

* Low Switching noise.

* High Current Capacity

* Guarantee Reverse Avalanche.

* Guard-Ring for Stress Protection.

* Low Power Loss & High efficiency.

* 150℃ Operating Junction Temperature

* Low Stored Charge Majority Carrier Conduction.

* Plastic Material used Carries Underwriters Laboratory

Flammability Classification 94V-O




Similar Part No. - S08A150

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S08A100 MOSPEC-S08A100 Datasheet
240Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(8A,70-100V)
logo
Chenmko Enterprise Co. ...
S08A100PT CHENMKO-S08A100PT Datasheet
73Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - S08A150

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
   Low Forward Voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
   Low forward voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
   Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
   Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
   Low forward voltage
logo
Unisonic Technologies
TGBR20L45CL-TA3-T UTC-TGBR20L45CL-TA3-T Datasheet
154Kb / 3P
   Low forward voltage
logo
Bruckewell Technology L...
SD14ST BWTECH-SD14ST Datasheet
155Kb / 4P
   Low forward voltage
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
   low forward voltage
logo
Mospec Semiconductor
S08A200 MOSPEC-S08A200 Datasheet
186Kb / 2P
   Low Forward Voltage
SK220 MOSPEC-SK220 Datasheet
170Kb / 2P
   Low Forward Voltage
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com