Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1161 Datasheet (PDF) - Maxim Integrated Products

MAX1161 Datasheet PDF - Maxim Integrated Products
Part No. MAX1161
Download  MAX1161 Click to view

File Size   78.5 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 40Msps, TTL-Output ADC

MAX1161 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1161 Datasheet PDF - Maxim Integrated Products

Part No. MAX1161
Download  MAX1161 Click to view

File Size   78.5 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 40Msps, TTL-Output ADC

MAX1161 Datasheet (HTML) - Maxim Integrated Products

MAX1161 Datasheet HTML 1Page - Maxim Integrated Products MAX1161 Datasheet HTML 2Page - Maxim Integrated Products MAX1161 Datasheet HTML 3Page - Maxim Integrated Products MAX1161 Datasheet HTML 4Page - Maxim Integrated Products MAX1161 Datasheet HTML 5Page - Maxim Integrated Products MAX1161 Datasheet HTML 6Page - Maxim Integrated Products MAX1161 Datasheet HTML 7Page - Maxim Integrated Products MAX1161 Datasheet HTML 8Page - Maxim Integrated Products

MAX1161 Product details

General Description
The MAX1161 10-bit, monolithic analog-to-digital converter (ADC) is capable of 40Msps minimum word rates. An on-board track/hold ensures excellent dynamic performance without the need for external components. A 5pF input capacitance minimizes drive requirement problems.
Inputs and outputs are TTL compatible. An overrange output is provided to indicate overflow conditions. Output data format is straight binary. Power dissipation is low at only 1W with +5V and -5.2V power-supply voltages. The MAX1161 also accepts wide, ±2V input voltages.
The MAX1161 is available in 28-pin DIP and SO packages in the commercial temperature range.

Features
♦ Monolithic 40Msps Converter
♦ On-Chip Track/Hold
♦ Bipolar, ±2V Analog Input
♦ 57dB SNR at 3.58MHz Input
♦ 5pF Input Capacitance
♦ TTL Outputs

Applications
   Medical Imaging
   Professional Video
   Radar Receivers
   Instrumentation
   Digital Communications



Similar Part No. - MAX1161

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX11610 MAXIM-MAX11610 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX11610EEE++ MAXIM-MAX11610EEE+ Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX11610EEE++ MAXIM-MAX11610EEE+ Datasheet
387Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11610EEE++ MAXIM-MAX11610EEE+ Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
MAX11611 MAXIM-MAX11611 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
More results

Similar Description - MAX1161

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
Maxim Integrated Products
Maxim Integrated Produc...
MAX1160 MAXIM-MAX1160 Datasheet
76Kb / 8P
   10-Bit, 20Msps, TTL-Output ADC
19-1189; Rev 0; 3/97
Exar Corporation
Exar Corporation
XRD64L42 EXAR-XRD64L42 Datasheet
204Kb / 16P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L43 EXAR-XRD64L43 Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
Maxim Integrated Products
Maxim Integrated Produc...
MAX1206 MAXIM-MAX1206 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
   12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
Texas Instruments
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz