Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT2302A-G Datasheet (PDF) - Marktech Corporate

MT2302A-G Datasheet PDF - Marktech Corporate
Part # MT2302A-G
Download  MT2302A-G Download

File Size   41.86 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech Axial Leaded Lensed Version LEDs

MT2302A-G Datasheet (PDF)

Go To PDF Page Download Datasheet
MT2302A-G Datasheet PDF - Marktech Corporate

Part # MT2302A-G
Download  MT2302A-G Click to download

File Size   41.86 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech Axial Leaded Lensed Version LEDs

MT2302A-G Datasheet (HTML) - Marktech Corporate

MT2302A-G Datasheet HTML 1Page - Marktech Corporate

MT2302A-G Product details

FEATURES

• All plastic mold type

• Will fit in small space

• Low current operation




Similar Part No. - MT2302A-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2302A-G MARKTECH-MT2302A-G Datasheet
200Kb / 1P
   Axial Leaded LED Lamps
More results


Similar Description - MT2302A-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2053-RG MARKTECH-MT2053-RG Datasheet
33Kb / 1P
   Marktech Rectangular Bi?묬olor 2 Leaded LEDs
MT6203-HRG MARKTECH-MT6203-HRG Datasheet
68Kb / 1P
   Marktech 3 Leaded 3mm Bi?묬olor LEDs
MT2030-RG MARKTECH-MT2030-RG Datasheet
34Kb / 1P
   Marktech 2 Leaded 3mm Tri−State LEDs
MT5491-HRG MARKTECH-MT5491-HRG Datasheet
42Kb / 2P
   Marktech 2 Leaded 5mm Tri−State LEDs
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
   Marktech 3 Leaded 10mm Bi−Color LEDs
logo
Agilent(Hewlett-Packard...
HSMA-L640 HP-HSMA-L640 Datasheet
174Kb / 8P
   Surface Mount Lensed Chip LEDs
logo
Marktech Corporate
MT6224-AHRG MARKTECH-MT6224-AHRG Datasheet
31Kb / 2P
   Marktech 3 Leaded 5mm (CA) Bi−Color LEDs
MT6224-HRG MARKTECH-MT6224-HRG Datasheet
35Kb / 2P
   Marktech 3 Leaded 5mm (CC) Bi−Color LEDs
MTBL2410S-G MARKTECH-MTBL2410S-G Datasheet
31Kb / 1P
   Marktech Backlight Element (4 leaded)
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
   Marktech Standard 10mm LEDs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com