Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130147-0078 Datasheet (PDF) - Molex Electronics Ltd.

130147-0078 Datasheet PDF - Molex Electronics Ltd.
Part # 130147-0078
Download  130147-0078 Download

File Size   53.05 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Plug with Locking Blade, 3 Pole/4 Wire

130147-0078 Datasheet (PDF)

Go To PDF Page Download Datasheet
130147-0078 Datasheet PDF - Molex Electronics Ltd.

Part # 130147-0078
Download  130147-0078 Click to download

File Size   53.05 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Plug with Locking Blade, 3 Pole/4 Wire

130147-0078 Datasheet (HTML) - Molex Electronics Ltd.

130147-0078 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 130147-0078

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0071 MOLEX11-130147-0071 Datasheet
40Kb / 1P
   Watertite Plug with Locking Blade, 4 Pole/4 Wire
130147-0072 MOLEX11-130147-0072 Datasheet
50Kb / 1P
   Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V, Cord Grip
130147-0073 MOLEX11-130147-0073 Datasheet
42Kb / 1P
   Watertite Extra Hard Outdoor Plug with Locking Blade, 2 Pole/3 Wire
130147-0074 MOLEX11-130147-0074 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-30, 250V, Cord Grip Body Size F4
130147-0075 MOLEX11-130147-0075 Datasheet
42Kb / 1P
   Watertite Extra Hard Outdoor Plug, 2 Pole/3 Wire
More results


Similar Description - 130147-0078

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0077 MOLEX11-130147-0077 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0081 MOLEX11-130147-0081 Datasheet
40Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0025 MOLEX11-130147-0025 Datasheet
61Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0079 MOLEX11-130147-0079 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0029 MOLEX11-130147-0029 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire,
130147-0083 MOLEX11-130147-0083 Datasheet
61Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire,
130146-0078 MOLEX11-130146-0078 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/3 Wire
130147-0069 MOLEX11-130147-0069 Datasheet
40Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/3 Wire,
130147-0015 MOLEX11-130147-0015 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 4 Pole/4 Wire
130147-0071 MOLEX11-130147-0071 Datasheet
40Kb / 1P
   Watertite Plug with Locking Blade, 4 Pole/4 Wire
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com