Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4020 Datasheet (PDF) - ON Semiconductor

MCH4020 Datasheet PDF - ON Semiconductor
Part # MCH4020
Download  MCH4020 Download
File Size   367.8 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4

MCH4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCH4020 Datasheet PDF - ON Semiconductor

Part # MCH4020
Download  MCH4020 Click to download

File Size   367.8 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4

MCH4020 Datasheet (HTML) - ON Semiconductor


MCH4020 Product details

RF Transistor
8V, 150mA, fT=16GHz, NPN Single MCPH4

Features
• Low-noise use : NF=1.2dB typ (f=1GHz)
• High cut-off frequency : fT=16GHz typ (VCE=5V)
• High gain : |S21e|2=17.5dB typ (f=1GHz)
• Halogen free compliance




Similar Part No. - MCH4020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4020 SANYO-MCH4020 Datasheet
276Kb / 9P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifi er
logo
ON Semiconductor
MCH4020 ONSEMI-MCH4020 Datasheet
378Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
logo
Sanyo Semicon Device
MCH4020-TL-H SANYO-MCH4020-TL-H Datasheet
470Kb / 11P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
logo
ON Semiconductor
MCH4020-TL-H ONSEMI-MCH4020-TL-H Datasheet
378Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
More results


Similar Description - MCH4020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5347A ONSEMI-2SC5347A Datasheet
318Kb / 8P
RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN01MA ONSEMI-15GN01MA Datasheet
306Kb / 7P
RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
August, 2013
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH6001 ONSEMI-MCH6001 Datasheet
492Kb / 6P
RF Transistor 8V, 150mA, fT=16GHz NPN Dual MCPH6
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com