Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG410W Datasheet (PDF) - NXP Semiconductors

BFG410W Datasheet PDF - NXP Semiconductors
Part # BFG410W_15
Download  BFG410W Download
File Size   402.59 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 22 GHz wideband transistor

BFG410W Datasheet (PDF)

Go To PDF Page Download Datasheet
BFG410W Datasheet PDF - NXP Semiconductors

Part # BFG410W_15
Download  BFG410W Click to download

File Size   402.59 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 22 GHz wideband transistor

BFG410W Datasheet (HTML) - NXP Semiconductors




Similar Part No. - BFG410W_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG410W JMNIC-BFG410W_15 Datasheet
91Kb / 12P
NPN 22 GHz wideband transistor
More results


Similar Description - BFG410W_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
NPN 7 GHz wideband transistor
1995 Sep 13
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
NPN 4 GHz wideband transistor
1999 Aug 24
BFG410W PHILIPS-BFG410W Datasheet
104Kb / 12P
NPN 22 GHz wideband transistor
1998 Mar 11
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
NPN 4 GHz wideband transistor
September 1995
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
NPN 6 GHz wideband transistor
September 1995
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
logo
Quanzhou Jinmei Electro...
BFG410W_2015 JMNIC-BFG410W_2015 Datasheet
91Kb / 12P
NPN 22 GHz wideband transistor
BFG410W JMNIC-BFG410W_15 Datasheet
91Kb / 12P
NPN 22 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com