Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X150SG Datasheet (PDF) - Voltage Multipliers Inc.

X150SG Datasheet PDF - Voltage Multipliers Inc.
Part # X150SG
Download  X150SG Download
File Size   99.52 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Diodes - Axial Lead 25mA - 250mA ??3000ns ??Hermetic

X150SG Datasheet (PDF)

Go To PDF Page Download Datasheet
X150SG Datasheet PDF - Voltage Multipliers Inc.

Part # X150SG
Download  X150SG Click to download

File Size   99.52 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Diodes - Axial Lead 25mA - 250mA ??3000ns ??Hermetic

X150SG Datasheet (HTML) - Voltage Multipliers Inc.




Similar Part No. - X150SG

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
X150SG VMI-X150SG Datasheet
117Kb / 1P
Spice Model
More results


Similar Description - X150SG

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1N6529 VMI-1N6529_13 Datasheet
150Kb / 2P
High Voltage Diodes - Axial Lead 25mA - 250mA ??70ns ??Hermetic ??JANTX ??JANTXV
M25FG VMI-M25FG_13 Datasheet
99Kb / 2P
High Voltage Diodes - Axial Lead 10mA - 100mA ??200ns ??Hermetic
M25SG VMI-M25SG_13 Datasheet
98Kb / 2P
High Voltage Diodes - Axial Lead 10mA - 100mA ??3000ns ??Hermetic
MR140FF5 VMI-MR140FF5 Datasheet
60Kb / 1P
High Voltage Diodes - Axial Lead 10 mA ??50ns - 3000ns
OZ100SG VMI-OZ100SG Datasheet
118Kb / 2P
High Voltage Opto-diode - Axial Lead 0.30A - 0.50A ??3000ns
X25FG VMI-X25FG_13 Datasheet
99Kb / 2P
High Voltage Diodes - Axial Lead 25mA - 250mA ??200ns ??Hermetic
X25UFG VMI-X25UFG_13 Datasheet
99Kb / 2P
High Voltage Diodes - Axial Lead 25mA - 250mA ??100ns ??Hermetic
Z25FG VMI-Z25FG_13 Datasheet
97Kb / 2P
High Voltage Diodes - Axial Lead 300mA - 1500mA ??200ns ??Hermetic
Z25SG VMI-Z25SG_13 Datasheet
97Kb / 2P
High Voltage Diodes - Axial Lead 300mA - 1500mA ??3000ns ??Hermetic
Z25UFG VMI-Z25UFG_13 Datasheet
98Kb / 2P
High Voltage Diodes - Axial Lead 300mA - 1500mA ??100ns ??Hermetic
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com