Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPJ400F Datasheet (PDF) - Voltage Multipliers Inc.

SPJ400F Datasheet PDF - Voltage Multipliers Inc.
Part No. SPJ400F
Download  SPJ400F Click to view

File Size   89.15 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Rectifier Stacks 50mA ??70ns ??Axial Leaded

SPJ400F Datasheet (PDF)

Go To PDF Page Download Datasheet
SPJ400F Datasheet PDF - Voltage Multipliers Inc.

Part No. SPJ400F
Download  SPJ400F Click to view

File Size   89.15 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Rectifier Stacks 50mA ??70ns ??Axial Leaded

SPJ400F Datasheet (HTML) - Voltage Multipliers Inc.

SPJ400F Datasheet HTML 1Page - Voltage Multipliers Inc. SPJ400F Datasheet HTML 2Page - Voltage Multipliers Inc.


Similar Part No. - SPJ400F

ManufacturerPart No.DatasheetDescription
Voltage Multipliers Inc.
Voltage Multipliers Inc...
SPJ400F VMI-SPJ400F Datasheet
35Kb / 2P
   10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 70 ns Recovery Time
More results

Similar Description - SPJ400F

ManufacturerPart No.DatasheetDescription
Voltage Multipliers Inc.
Voltage Multipliers Inc...
SP50UF VMI-SP50UF_13 Datasheet
95Kb / 2P
   High Voltage Rectifier Stacks 0.5A ??70ns ??Axial Leaded
FP50UF VMI-FP50UF Datasheet
141Kb / 2P
   High Voltage Rectifier Stacks 2.2A ??70ns ??Axial Leaded
SPJ100S VMI-SPJ100S_13 Datasheet
127Kb / 2P
   High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded
FP50S VMI-FP50S_13 Datasheet
141Kb / 2P
   High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
1N6512 NJSEMI-1N6512 Datasheet
236Kb / 1P
   70NS RECOVERY, AXIAL LEADED, HERMETIC
Voltage Multipliers Inc.
Voltage Multipliers Inc...
SP25UF VMI-SP25UF Datasheet
71Kb / 1P
   High Voltage Rectifier Stacks
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
SP25UF NJSEMI-SP25UF Datasheet
100Kb / 1P
   High Voltage Rectifier Stacks
Voltage Multipliers Inc.
Voltage Multipliers Inc...
SMF6529 VMI-SMF6529_15 Datasheet
366Kb / 1P
   High Voltage Diodes - Surface Mount 50mA - 250mA l 70ns
SUNMATE electronic Co., LTD
SUNMATE electronic Co.,...
R2500F SUNMATE-R2500F Datasheet
276Kb / 2P
   0.2A Axial Leaded High Voltage Rectifier
HVM5 SUNMATE-HVM5 Datasheet
45Kb / 1P
   0.35A Axial Leaded High Voltage Rectifier
More results

Datasheet Page

1  2 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz