Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OZ100SG Datasheet (PDF) - Voltage Multipliers Inc.

OZ100SG Datasheet PDF - Voltage Multipliers Inc.
Part # OZ100SG
Download  OZ100SG Download

File Size   118.08 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Opto-diode - Axial Lead 0.30A - 0.50A ??3000ns

OZ100SG Datasheet (PDF)

Go To PDF Page Download Datasheet
OZ100SG Datasheet PDF - Voltage Multipliers Inc.

Part # OZ100SG
Download  OZ100SG Click to download

File Size   118.08 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Opto-diode - Axial Lead 0.30A - 0.50A ??3000ns

OZ100SG Datasheet (HTML) - Voltage Multipliers Inc.

OZ100SG Datasheet HTML 1Page - Voltage Multipliers Inc. OZ100SG Datasheet HTML 2Page - Voltage Multipliers Inc.




Similar Description - OZ100SG

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
X25SG VMI-X25SG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??3000ns ??Hermetic
M25SG VMI-M25SG_13 Datasheet
98Kb / 2P
   High Voltage Diodes - Axial Lead 10mA - 100mA ??3000ns ??Hermetic
MR140FF5 VMI-MR140FF5 Datasheet
60Kb / 1P
   High Voltage Diodes - Axial Lead 10 mA ??50ns - 3000ns
Z25SG VMI-Z25SG_13 Datasheet
97Kb / 2P
   High Voltage Diodes - Axial Lead 300mA - 1500mA ??3000ns ??Hermetic
SPJ100S VMI-SPJ100S_13 Datasheet
127Kb / 2P
   High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded
FP50S VMI-FP50S_13 Datasheet
141Kb / 2P
   High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
K25S VMI-K25S_13 Datasheet
101Kb / 2P
   High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??3000ns ??Axial Leaded
logo
Illinois Capacitor, Inc...
TTA ILLINOISCAPACITOR-TTA Datasheet
291Kb / 3P
   Axial lead - High voltage
105TTA050M ILLINOISCAPACITOR-105TTA050M Datasheet
318Kb / 3P
   Axial Lead - High Voltage
logo
Voltage Multipliers Inc...
M160UFGHT VMI-M160UFGHT_13 Datasheet
90Kb / 2P
   High Voltage High Temp Diode - Axial Lead 10mA ??100ns
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com