![]() |
Electronic Components Datasheet Search |
|
1M120Z Datasheet (PDF) - Taiwan Semiconductor Company, Ltd |
1M120Z Datasheet (HTML) - Taiwan Semiconductor Company, Ltd |
1M120Z Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | 1M120Z |
Download | 1M120Z Click to view |
File Size | 217.66 Kbytes |
Page | 7 Pages |
Maker | TSC [Taiwan Semiconductor Company, Ltd] |
Homepage | http://www.taiwansemi.com |
Logo | |
Description | 1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |