Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1032EA Datasheet (PDF) - Lattice Semiconductor

1032EA Datasheet PDF - Lattice Semiconductor
Part No. 1032EA
Download  1032EA Click to view

File Size   198.63 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable High Density PLD

1032EA Datasheet (PDF)

Go To PDF Page Download Datasheet
1032EA Datasheet PDF - Lattice Semiconductor

Part No. 1032EA
Download  1032EA Click to view

File Size   198.63 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable High Density PLD

1032EA Datasheet (HTML) - Lattice Semiconductor

Back Button 1032EA Datasheet HTML 1Page - Lattice Semiconductor 1032EA Datasheet HTML 2Page - Lattice Semiconductor 1032EA Datasheet HTML 3Page - Lattice Semiconductor 1032EA Datasheet HTML 4Page - Lattice Semiconductor 1032EA Datasheet HTML 5Page - Lattice Semiconductor 1032EA Datasheet HTML 6Page - Lattice Semiconductor 1032EA Datasheet HTML 7Page - Lattice Semiconductor 1032EA Datasheet HTML 8Page - Lattice Semiconductor 1032EA Datasheet HTML 9Page - Lattice Semiconductor 1032EA Datasheet HTML 10Page - Lattice Semiconductor Next Button 

1032EA Product details

Description
The ispLSI 1032EA is a High Density Programmable Logic Device containing 192 Registers, 64 Universal I/O pins, four Dedicated Input pins, four Dedicated Clock Input pins and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 1032EA features 5V in-system programmability (ISP™) and in-system diagnostic capabilities via IEEE 1149.1 Test Access Port. The ispLSI 1032EA device offers non-volatile reprogrammability of the logic, as well as the interconnects to provide truly reconfigurable systems. A functional superset of the ispLSI 1032 architecture, the ispLSI 1032EA device adds user selectable 3.3V or 5V I/O and open-drain output options.

Features
• HIGH DENSITY PROGRAMMABLE LOGIC
    — 6000 PLD Gates
    — 64 I/O Pins, Four Dedicated Inputs
    — 192 Registers
    — High Speed Global Interconnect
    — Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc.
    — Small Logic Block Size for Random Logic
    — Functionally Compatible with ispLSI 1032E
• NEW FEATURES
    — 100% IEEE 1149.1 Boundary Scan Testable
    — ispJTAG™ In-System Programmable via IEEE 1149.1 (JTAG) Test Access Port
    — User Selectable 3.3V or 5V I/O Supports MixedVoltage Systems (VCCIO Pin)
    — Open-Drain Output Option
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
    — fmax = 200 MHz Maximum Operating Frequency
    — tpd = 4.5 ns Propagation Delay
    — TTL Compatible Inputs and Outputs
    — Electrically Erasable and Reprogrammable
    — Non-Volatile
    — 100% Tested at Time of Manufacture
    — Unused Product Term Shutdown Saves Power
• IN-SYSTEM PROGRAMMABLE
    — Increased Manufacturing Yields, Reduced Time-toMarket and Improved Product Quality
    — Reprogram Soldered Devices for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS
    — Complete Programmable Device Can Combine Glue Logic and Structured Designs
    — Enhanced Pin Locking Capability
    — Four Dedicated Clock Input Pins
    — Synchronous and Asynchronous Clocks
    — Programmable Output Slew Rate Control to Minimize Switching Noise
    — Flexible Pin Placement
    — Optimized Global Routing Pool Provides Global Interconnectivity
• ispDesignEXPERT™ – LOGIC COMPILER AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING
    — Superior Quality of Results
    — Tightly Integrated with Leading CAE Vendor Tools
    — Productivity Enhancing Timing Analyzer, Explore Tools, Timing Simulator and ispANALYZER™
    — PC and UNIX Platforms



Similar Part No. - 1032EA

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
1032E LATTICE-1032E Datasheet
164Kb / 16P
   In-System Programmable High Density PLD
1032E-100LJ LATTICE-1032E-100LJ Datasheet
212Kb / 16P
   High-Density Programmable Logic
1032E-100LT LATTICE-1032E-100LT Datasheet
212Kb / 16P
   High-Density Programmable Logic
1032E-125LJ LATTICE-1032E-125LJ Datasheet
212Kb / 16P
   High-Density Programmable Logic
1032E-125LT LATTICE-1032E-125LT Datasheet
212Kb / 16P
   High-Density Programmable Logic
More results

Similar Description - 1032EA

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz