Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-AR10B2510 Datasheet (PDF) - BetLux Electronics

BL-AR10B2510 Datasheet PDF - BetLux Electronics
Part # BL-AR10B2510
Download  BL-AR10B2510 Download
File Size   302.08 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 10 bars, 25.4*10.1*6.8mm, LED light bar, BI-COLOR TYPE

BL-AR10B2510 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-AR10B2510 Datasheet PDF - BetLux Electronics

Part # BL-AR10B2510
Download  BL-AR10B2510 Click to download

File Size   302.08 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 10 bars, 25.4*10.1*6.8mm, LED light bar, BI-COLOR TYPE

BL-AR10B2510 Datasheet (HTML) - BetLux Electronics




Similar Part No. - BL-AR10B2510

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR10Z2510 BETLUX-BL-AR10Z2510 Datasheet
64Kb / 4P
LED BARGRAPH DISPLAY
REV NO: V.2
BL-AR10Z2510D-4-00 BETLUX-BL-AR10Z2510D-4-00 Datasheet
64Kb / 4P
LED BARGRAPH DISPLAY
REV NO: V.2
BL-AR10Z2510D-4-01 BETLUX-BL-AR10Z2510D-4-01 Datasheet
64Kb / 4P
LED BARGRAPH DISPLAY
REV NO: V.2
BL-AR10Z2510D-4-02 BETLUX-BL-AR10Z2510D-4-02 Datasheet
64Kb / 4P
LED BARGRAPH DISPLAY
REV NO: V.2
BL-AR10Z2510D-4-03 BETLUX-BL-AR10Z2510D-4-03 Datasheet
64Kb / 4P
LED BARGRAPH DISPLAY
REV NO: V.2
More results


Similar Description - BL-AR10B2510

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
LED LIGHT BARS
logo
Kingbright Corporation
DF-3 KINGBRIGHT-DF-3 Datasheet
168Kb / 5P
6.8mm x 19.9mm LIGHT BARS
logo
Marktech Corporate
MTB10631-GYHR MARKTECH-MTB10631-GYHR Datasheet
652Kb / 3P
Tri Color 10 Sement Light Bar
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
LED Light Bars
logo
P-tec Corporation
PB72-LBRG13 P-TEC-PB72-LBRG13 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRR12 P-TEC-PB72-LBRR12 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRR21 P-TEC-PB72-LBRR21 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRY01 P-TEC-PB72-LBRY01 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
logo
BetLux Electronics
BL-AR12Z3010 BETLUX-BL-AR12Z3010 Datasheet
283Kb / 5P
12 bars, 30.4*10.1*8.0mm, LED light bar
REV NO: V.2
logo
STANLEY ELECTRIC CO.,LT...
MU13 STANLEY-MU13 Datasheet
1Mb / 10P
Bi-Color / Light Bar Module
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com