Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACP-010249-CI08A0 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MACP-010249-CI08A0 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MACP-010249-CI08A0_15
Download  MACP-010249-CI08A0 Download

File Size   181.83 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Coupler, 18dB Coupler

MACP-010249-CI08A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
MACP-010249-CI08A0 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MACP-010249-CI08A0_15
Download  MACP-010249-CI08A0 Click to download

File Size   181.83 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Coupler, 18dB Coupler

MACP-010249-CI08A0 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

MACP-010249-CI08A0_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-010249-CI08A0_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-010249-CI08A0_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MACP-010249-CI08A0_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.



Similar Part No. - MACP-010249-CI08A0_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
More results


Similar Description - MACP-010249-CI08A0_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-007727-CI07B0 MA-COM-MACP-007727-CI07B0_15 Datasheet
70Kb / 3P
   Broadband CATV, 18dB Coupler
MACP-007727-CI07B0 MA-COM-MACP-007727-CI07B0 Datasheet
70Kb / 3P
   Broadband CATV, 18dB Coupler
logo
Tyco Electronics
MACP-007727-CI07B0 MACOM-MACP-007727-CI07B0 Datasheet
75Kb / 3P
   Broadband CATV, 18dB Coupler 5-1200 MHz
logo
M/A-COM Technology Solu...
MACP-007727-CI07B0 MA-COM-MACP-007727-CI07B0 Datasheet
70Kb / 3P
   Broadband CATV, 18dB Coupler 5-1200 MHz
logo
Mini-Circuits
ZNDC-18-2G MINI-ZNDC-18-2G Datasheet
166Kb / 1P
   Directional Coupler 50??18dB 800 to 2000 MHz
logo
M/A-COM Technology Solu...
MACP-010446-C80370 MA-COM-MACP-010446-C80370_15 Datasheet
174Kb / 4P
   Coupler
logo
American Accurate Compo...
JXWBOH-T-50-2000-11 AAC-JXWBOH-T-50-2000-11 Datasheet
34Kb / 1P
   Coupler
logo
WECO ELECTRICAL CONNECT...
110-M-241 WECO-110-M-241 Datasheet
339Kb / 2P
   Coupler
07.13
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com