Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3196-19-SMA Datasheet (PDF) - KR Electronics, Inc.

3196-19-SMA Datasheet PDF - KR Electronics, Inc.
Part # 3196-19-SMA
Download  3196-19-SMA Download

File Size   100.54 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 19 MHz Bandpass

3196-19-SMA Datasheet (PDF)

Go To PDF Page Download Datasheet
3196-19-SMA Datasheet PDF - KR Electronics, Inc.

Part # 3196-19-SMA
Download  3196-19-SMA Click to download

File Size   100.54 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 19 MHz Bandpass

3196-19-SMA Datasheet (HTML) - KR Electronics, Inc.

3196-19-SMA Datasheet HTML 1Page - KR Electronics, Inc. 3196-19-SMA Datasheet HTML 2Page - KR Electronics, Inc. 3196-19-SMA Datasheet HTML 3Page - KR Electronics, Inc.

3196-19-SMA Product details

General Description
KR Electronics part number 3196-19-SMA is a 19 MHz bandpass filter. The filter has a 3 dB bandwidth of 5 MHz. Other center frequencies and are bandwidths available. Please consult the factory.

Features
● 19 MHz Bandpass
● 3 dB Bandwidth 5 MHz
● 50 Ω Source and Load
● SMA Connectors
● Surface Mount also available




Similar Part No. - 3196-19-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3196-25-SMA KR-3196-25-SMA Datasheet
100Kb / 3P
   25 MHz Bandpass
More results


Similar Description - 3196-19-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2792-19 KR-2792-19 Datasheet
371Kb / 2P
   19 MHz surface mount bandpass filter
2567-1 KR-2567-1 Datasheet
88Kb / 2P
   10.7 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
   455 MHz Bandpass
3002 KR-3002 Datasheet
48Kb / 3P
   174 MHz Bandpass
3204 KR-3204 Datasheet
105Kb / 3P
   1087.5 MHz Bandpass
3192-3 KR-3192-3 Datasheet
105Kb / 3P
   2000 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
   140 MHz Bandpass
3020 KR-3020 Datasheet
74Kb / 3P
   20 MHz Bandpass
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
   10 MHz Bandpass
2629-40-1 KR-2629-40-1 Datasheet
89Kb / 2P
   160 MHz Bandpass
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com