![]() |
Electronic Components Datasheet Search |
|
T1G4003532-FL Datasheet (PDF) - TriQuint Semiconductor |
T1G4003532-FL Datasheet (HTML) - TriQuint Semiconductor |
T1G4003532-FL Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | T1G4003532-FL_15 |
Download | T1G4003532-FL Click to view |
File Size | 1306.62 Kbytes |
Page | 13 Pages |
Maker | TRIQUINT [TriQuint Semiconductor] |
Homepage | http://www.triquint.com |
Logo | |
Description | 35W, 32V, DC – 3.5 GHz, GaN RF Power Transistor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |