Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2567-1 Datasheet (PDF) - KR Electronics, Inc.

2567-1 Datasheet PDF - KR Electronics, Inc.
Part # 2567-1
Download  2567-1 Download

File Size   88.02 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 10.7 MHz Bandpass

2567-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
2567-1 Datasheet PDF - KR Electronics, Inc.

Part # 2567-1
Download  2567-1 Click to download

File Size   88.02 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 10.7 MHz Bandpass

2567-1 Datasheet (HTML) - KR Electronics, Inc.

2567-1 Datasheet HTML 1Page - KR Electronics, Inc. 2567-1 Datasheet HTML 2Page - KR Electronics, Inc.

2567-1 Product details

General Description
KR 2567-1 is a 10.7 MHz bandpass filter. The filter has a minimum 3 dB bandwidth of 6 MHz and is designed for 50  source and load impedance. Other center frequencies and bandwidths are available. Also available in a SMA package. Please consult the factory.

Features
● 10.7 MHz Bandpass
● Elliptic type response
● 50 
● SMT package




Similar Part No. - 2567-1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2567 KR-2567 Datasheet
23Kb / 2P
   Bandpass Filter
logo
B&K Precision Corporati...
2567 BK-2567 Datasheet
3Mb / 7P
   Digital Storage and Mixed Signal Oscilloscopes
logo
Heyco.
2567 HEYCO-2567 Datasheet
153Kb / 1P
   Louvered Plugs
More results


Similar Description - 2567-1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2820-10.7 KR-2820-10.7 Datasheet
48Kb / 2P
   10.7 MHz bandpass filter
2395-10.7M-3M-50 KR-2395-10.7M-3M-50 Datasheet
92Kb / 2P
   KR 2395-10.7-3M-50 is a 10.7 MHz surface mount bandpass filter.
logo
Oscilent Corporation
760-0107-A5 OSCILENT-760-0107-A5 Datasheet
139Kb / 2P
   Ceramic Filter 10.7 MHz
logo
NIHON DEMPA KOGYO
10A7.5CB NDK-10A7.5CB Datasheet
84Kb / 1P
   10.7 MHz- and 21.4 MHz-Series MCF
logo
Vectron International, ...
MQF10-7-1500-08 VECTRON-MQF10-7-1500-08 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-1500-20 VECTRON-MQF10-7-1500-20 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-1500-29 VECTRON-MQF10-7-1500-29 Datasheet
22Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-1500-53 VECTRON-MQF10-7-1500-53 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
LC10-7-70000-07 VECTRON-LC10-7-70000-07 Datasheet
24Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-2500-10 VECTRON-MQF10-7-2500-10 Datasheet
19Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com