![]() |
Electronic Components Datasheet Search |
|
PDU3VN10L2120 Datasheet (PDF) - Tripp Lite. All Rights Reserved |
PDU3VN10L2120 Datasheet (HTML) - Tripp Lite. All Rights Reserved |
PDU3VN10L2120 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | PDU3VN10L2120 |
Download | PDU3VN10L2120 Click to view |
File Size | 507.12 Kbytes |
Page | 3 Pages |
Maker | TRIPPLITE [Tripp Lite. All Rights Reserved] |
Homepage | http://www.tripplite.com/ |
Logo | |
Description | 5.7kW 3-Phase Monitored PDU, 208V Outlets (30-C13 and 6-C19), L21-20P, 10ft Cord, 0U Vertical |
Datasheet Page |
1 2 3 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |