Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCTG35P60F1 Datasheet (PDF) - Intersil Corporation

MCTG35P60F1 Datasheet PDF - Intersil Corporation
Part # MCTG35P60F1
Download  MCTG35P60F1 Download

File Size   50.8 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 35A, 600V P-Type MOS Controlled Thyristor (MCT)

MCTG35P60F1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCTG35P60F1 Datasheet PDF - Intersil Corporation

Part # MCTG35P60F1
Download  MCTG35P60F1 Click to download

File Size   50.8 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 35A, 600V P-Type MOS Controlled Thyristor (MCT)

MCTG35P60F1 Datasheet (HTML) - Intersil Corporation

MCTG35P60F1 Datasheet HTML 1Page - Intersil Corporation MCTG35P60F1 Datasheet HTML 2Page - Intersil Corporation MCTG35P60F1 Datasheet HTML 3Page - Intersil Corporation MCTG35P60F1 Datasheet HTML 4Page - Intersil Corporation MCTG35P60F1 Datasheet HTML 5Page - Intersil Corporation

MCTG35P60F1 Product details

Description
The MCT is an MOS Controlled Thyristor designed for switching currents on and off by negative and positive pulsed control of an insulated MOS gate. It is designed for use in motor controls, inverters, line switches and other power switching applications.
The MCT is especially suited for resonant (zero voltage or zero current switching) applications. The SCR like forward drop greatly reduces conduction power loss.
MCTs allow the control of high power circuits with very small amounts of input energy. They feature the high peak current capability common to SCR type thyristors, and operate at junction temperatures up to +150oC with active switching.

Features
• 35A, -600V
• VTM = -1.3V(Maximum) at I = 35A and +150°C
• 800A Surge Current Capability
• 800A/µs di/dt Capability
• MOS Insulated Gate Control
• 50A Gate Turn-Off Capability at +150°C




Similar Part No. - MCTG35P60F1

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
   Cement Resistor With Thermal Cut-Off
logo
Conquer Electronics Co....
MCT CONQUER-MCT Datasheet
196Kb / 1P
   8.35 x 3.95 x 5.0 mm
logo
Vishay Siliconix
MCT-0603 VISHAY-MCT-0603 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT-0603 VISHAY-MCT-0603 Datasheet
113Kb / 1P
   Precision Thin Film Chip Resistors
Revision: 27-Oct-14
MCT-0603-AT VISHAY-MCT-0603-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
More results


Similar Description - MCTG35P60F1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MCTV35P60F1D INTERSIL-MCTV35P60F1D Datasheet
53Kb / 5P
   35A, 600V P-Type MOS Controlled Thyristor (MCT) with Anti-Parallel Diode
MCTV75P60E1 INTERSIL-MCTV75P60E1 Datasheet
50Kb / 5P
   75A, 600V P-Type MOS Controlled Thyristor (MCT)
MCT3A65P100F2 INTERSIL-MCT3A65P100F2 Datasheet
67Kb / 8P
   65A, 1000V, P-Type MOS-Controlled Thyristor (MCT)
MCTV65P100F1 INTERSIL-MCTV65P100F1 Datasheet
46Kb / 5P
   65A, 1000V P-Type MOS Controlled Thyristor (MCT)
logo
Vicor Corporation
05963 VICOR-05963 Datasheet
50Kb / 1P
   BRIDGE RECTIFIER, 600V, 35A
logo
TAITRON Components Inco...
ARS2535 TAITRON-ARS2535 Datasheet
108Kb / 3P
   35A Controlled Avalanche TVS
logo
Hamamatsu Corporation
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
   MCT photoconductive detector
logo
Rohm
R6035KNZ ROHM-R6035KNZ Datasheet
1Mb / 16P
   Nch 600V 35A Power MOSFET
R6035KNZ1 ROHM-R6035KNZ1 Datasheet
1Mb / 16P
   Nch 600V 35A Power MOSFET
R6035ENZ ROHM-R6035ENZ Datasheet
982Kb / 13P
   Nch 600V 35A Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com