Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6225 Datasheet (PDF) - Intersil Corporation

ISL6225 Datasheet PDF - Intersil Corporation
Part # ISL6225
Download  ISL6225 Download

File Size   522.02 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Mobile-Friendly PWM Controller with DDR Memory Option

ISL6225 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6225 Datasheet PDF - Intersil Corporation

Part # ISL6225
Download  ISL6225 Click to download

File Size   522.02 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Mobile-Friendly PWM Controller with DDR Memory Option

ISL6225 Datasheet (HTML) - Intersil Corporation

Back Button ISL6225 Datasheet HTML 1Page - Intersil Corporation ISL6225 Datasheet HTML 2Page - Intersil Corporation ISL6225 Datasheet HTML 3Page - Intersil Corporation ISL6225 Datasheet HTML 4Page - Intersil Corporation ISL6225 Datasheet HTML 5Page - Intersil Corporation ISL6225 Datasheet HTML 6Page - Intersil Corporation ISL6225 Datasheet HTML 7Page - Intersil Corporation ISL6225 Datasheet HTML 8Page - Intersil Corporation ISL6225 Datasheet HTML 9Page - Intersil Corporation ISL6225 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL6225 Product details

The ISL6225 dual PWM controller delivers high efficiency and tight regulation from two voltage regulating synchronous buck DC/DC converters. The ISL6225 PWM power supply controller was designed especially for DDR DRAM, SDRAM, and graphic chipset applications in high performance desknote PCs, notebook PCs, sub-notebook PCs, and PDAs.

Automatic mode selection of constant-frequency synchronous rectification at heavy load, and hysteretic diode-emulation at light load, assure high efficiency over a wide range of conditions. The hysteretic mode of operation can be disabled separately on each PWM converter if constant-frequency continuous-conduction operation is desired for all load levels. Efficiency is further enhanced by using the lower MOSFET rDS(ON) as the current sense element.



Features

• Provides regulated output voltage in the range of 0.9V-5.5V

   - High efficiency over wide load range

   - Synchronous buck converter with hysteretic operation at light load

   - Inhibit Hysteretic mode on one, or both channels

• Complete DDR memory power solution

   - VTT tracks VDDQ/2

   - VDDQ/2 buffered reference output

• No current-sense resistor required

   - Uses MOSFET rDS(ON)

   - Optional current-sense resistor for precision overcurrent

• Under-voltage lock-out on VCC pin

• Dual input voltage mode operation

   - Operates directly from battery 5V to 24V input

   - Operates from 3.3V or 5V system rail

   - VCC from 5V only

• Excellent dynamic response

   - Combined voltage feed-forward and average current mode control

• Power-good signal for each channel

• 300kHz switching frequency

   - 180° channel to channel phase operation for reduced input ripple when not in DDR mode

   - 0° channel to channel phase operation in DDR mode for reduced channel interference

   - 90° channel to channel phase operation for reduced input ripple in DDR mode when VIN is at GND.

• Pb-Free Available (RoHS Compliant)



Applications

• Mobile PCs

• PDAs

• Hand-held portable instruments



 




Similar Part No. - ISL6225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
ISL6225CA RENESAS-ISL6225CA Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
ISL6225CAZ RENESAS-ISL6225CAZ Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
ISL6225CAZA RENESAS-ISL6225CAZA Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results


Similar Description - ISL6225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com