Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ-A3670 Datasheet (PDF) - Nel Frequency Controls,inc

PJ-A3670 Datasheet PDF - Nel Frequency Controls,inc
Part # PJ-A3670
Download  PJ-A3670 Download

File Size   99.16 Kbytes
Page   3 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description VCXO Series (PECL)

PJ-A3670 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJ-A3670 Datasheet PDF - Nel Frequency Controls,inc

Part # PJ-A3670
Download  PJ-A3670 Click to download

File Size   99.16 Kbytes
Page   3 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description VCXO Series (PECL)

PJ-A3670 Datasheet (HTML) - Nel Frequency Controls,inc

PJ-A3670 Datasheet HTML 1Page - Nel Frequency Controls,inc PJ-A3670 Datasheet HTML 2Page - Nel Frequency Controls,inc PJ-A3670 Datasheet HTML 3Page - Nel Frequency Controls,inc

PJ-A3670 Product details

Description

The PJ-A3670 Series of voltage controlled quartz crystal oscillators provide frequency control by applying a voltage to Pin 1. This unit supplies ECLiPS compatible outputs which are enabled when Pin 2 is set to a logic high or left open.



Features

• Frequency range–80.0MHz to 162.0MHz

• User specified tolerance available

• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum

• Space-saving alternative to discrete component oscillators

• High shock resistance, to 3000g

• 3.3 volt operation

• Metal lid electrically connected to ground to reduce EMI

• Low Jitter - Wavecrest jitter characterization available

• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions

• High Q Crystal actively tuned oscillator circuit

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• High frequencies due to proprietary design

• Gold plated leads - Solder dipped leads available upon request



 




Similar Part No. - PJ-A3670

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
PJ-A2980 NEL-PJ-A2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
PJ-A2980-100.0 NEL-PJ-A2980-100.0 Datasheet
55Kb / 2P
   CRYSTAL CLOCK OSCILLATORS Differential Positive ECL (DPECL) Fast Edge
PJ-A2980-110.0 NEL-PJ-A2980-110.0 Datasheet
55Kb / 2P
   CRYSTAL CLOCK OSCILLATORS Differential Positive ECL (DPECL) Fast Edge
PJ-A2980-120.0 NEL-PJ-A2980-120.0 Datasheet
55Kb / 2P
   CRYSTAL CLOCK OSCILLATORS Differential Positive ECL (DPECL) Fast Edge
PJ-A2980-130.0 NEL-PJ-A2980-130.0 Datasheet
55Kb / 2P
   CRYSTAL CLOCK OSCILLATORS Differential Positive ECL (DPECL) Fast Edge
More results


Similar Description - PJ-A3670

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS20 AXTAL-AXIS20 Datasheet
54Kb / 2P
   PECL VCXO
logo
Jauch Quartz Gmbh
JVE75B JAUCH-JVE75B Datasheet
195Kb / 2P
   SMD PECL VCXO
JVE75A JAUCH-JVE75A Datasheet
194Kb / 2P
   SMD PECL VCXO
logo
Nel Frequency Controls,...
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
   PECL/LVPECL HF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
logo
Golledge Electronics Lt...
GV93 GOLLEDGE-GV93 Datasheet
64Kb / 1P
   HIGH FREQUENCY PECL VCXO
logo
Fox Electronics
RFV250 FOX-RFV250 Datasheet
263Kb / 1P
   2.5V LVE-PECL VCXO
RFV300 FOX-RFV300 Datasheet
264Kb / 1P
   3.3V LV-PECL VCXO
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com