Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX6314EH Datasheet (PDF) - Renesas Technology Corp

NX6314EH Datasheet PDF - Renesas Technology Corp
Part # NX6314EH_15
Download  NX6314EH Download
File Size   205.61 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE

NX6314EH Datasheet (PDF)

Go To PDF Page Download Datasheet
NX6314EH Datasheet PDF - Renesas Technology Corp

Part # NX6314EH_15
Download  NX6314EH Click to download

File Size   205.61 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE

NX6314EH Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - NX6314EH_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6314EH-AZ CEL-NX6314EH-AZ Datasheet
903Kb / 6P
1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS
More results


Similar Description - NX6314EH_15

ManufacturerPart #DatasheetDescription
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com