Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-OP470ARH Datasheet (PDF) - Intersil Corporation

HS-OP470ARH Datasheet PDF - Intersil Corporation
Part No. HS-OP470ARH
Download  HS-OP470ARH Click to view

File Size   27.68 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, Very Low Noise Quad Operational Amplifier

HS-OP470ARH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-OP470ARH Datasheet PDF - Intersil Corporation

Part No. HS-OP470ARH
Download  HS-OP470ARH Click to view

File Size   27.68 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, Very Low Noise Quad Operational Amplifier

HS-OP470ARH Datasheet (HTML) - Intersil Corporation

HS-OP470ARH Datasheet HTML 1Page - Intersil Corporation HS-OP470ARH Datasheet HTML 2Page - Intersil Corporation

HS-OP470ARH Product details

Description
The HS-OP470ARH is a radiation hardened, monolithic quad operational amplifier that provides highly reliable performance in harsh radiation environments. Its excellent noise characteristics coupled with an unique array of dynamic specifications make this amplifier well-suited for a variety of satellite system applications. Dielectrically isolated, bipolar processing makes this device immune to Single Event Latch-up.

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• Radiation Environment
    - Total Dose . . . . . . . . . . . . . . . . . . . . . . 1 x 105 RAD(Si)
• Low Noise
    - At 1kHz . . . . . . . . . . . . . . . . . . . . . . . .4.3nV/√Hz (Typ)
    - At 1kHz . . . . . . . . . . . . . . . . . . . . . . . .0.6pA/√Hz (Typ)
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . 2.1mV (Max)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . 1.7V/µs (Min)
• Gain Bandwidth Product . . . . . . . . . . . . . 8.0MHz (Typ)

Applications
• High Q, Active Filters
• Voltage Regulators
• Integrators
• Signal Generators
• Voltage References
• Space Environments



Similar Part No. - HS-OP470ARH

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
HS-0111 AKM-HS-0111 Datasheet
913Kb / 3P
   Shipped in packet-tape reel(5,000pcs per reel)
Intersil Corporation
Intersil Corporation
HS-0506RH INTERSIL-HS-0506RH Datasheet
1Mb / 14P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
HS-0507RH INTERSIL-HS-0507RH Datasheet
1Mb / 14P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
HS-0508RH INTERSIL-HS-0508RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
HS-0509RH INTERSIL-HS-0509RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
More results

Similar Description - HS-OP470ARH

ManufacturerPart No.DatasheetDescription
Intersil Corporation
Intersil Corporation
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_13 Datasheet
221Kb / 5P
   Radiation Hardened, Low Noise Quad Operational Amplifiers
Analog Devices
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP-470 AD-OP-470 Datasheet
587Kb / 15P
   VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com