Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1014AEC Datasheet (PDF) - Asahi Kasei Microsystems

AP1014AEC Datasheet PDF - Asahi Kasei Microsystems
Part # AP1014AEC
Download  AP1014AEC Download

File Size   546.39 Kbytes
Page   13 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 7.0V Dual H-Bridge Motor Driver IC

AP1014AEC Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1014AEC Datasheet PDF - Asahi Kasei Microsystems

Part # AP1014AEC
Download  AP1014AEC Click to download

File Size   546.39 Kbytes
Page   13 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 7.0V Dual H-Bridge Motor Driver IC

AP1014AEC Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AP1014AEC Datasheet HTML 1Page - Asahi Kasei Microsystems AP1014AEC Datasheet HTML 2Page - Asahi Kasei Microsystems AP1014AEC Datasheet HTML 3Page - Asahi Kasei Microsystems AP1014AEC Datasheet HTML 4Page - Asahi Kasei Microsystems AP1014AEC Datasheet HTML 5Page - Asahi Kasei Microsystems AP1014AEC Datasheet HTML 6Page - Asahi Kasei Microsystems AP1014AEC Datasheet HTML 7Page - Asahi Kasei Microsystems AP1014AEC Datasheet HTML 8Page - Asahi Kasei Microsystems AP1014AEC Datasheet HTML 9Page - Asahi Kasei Microsystems AP1014AEC Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AP1014AEC Product details

Genaral Description

The AP1014AEC has four drive mode of forward, reverse, brake and standby by 2 channel H-bridge Motor Driver corresponding to operating voltage 7.0V. It is possible to set to the input logic which was suitable for the PWM drive with the SEL terminal. The AP1014AEC layout Nch LDMOS FET in high side and low side in output circuit and realize a small WL-CSP package. Also it has under voltage detection and thermal shutdown circuits. It is suitable for driving various small motor.



Features

Control Supply Voltage                        2.7V to 5.5V

Wide Motor Drive Operating Voltage      2.0V to 7.0V

Maximum Output Current (DC)              1.1A @Ta=25C, 0.8A @Ta=85°C

Maximum Output Current (Peak)            2.0A (Ta=25C, 10ms/200ms)

H-Bridge ON Resistance                       RON (TOP+BOT)=0.35Ω(Typ.)@Ta=25°C

Built-in Under Voltage Detection Circuit   Detect VC Supply Voltage under 2.2V(Typ.)

Built-in Thermal Shut Down Circuit (Tj)    175°C (Typ.)

Junction Temperature                          150°C (Max.)

Package                                            16-pin WL-CSP (1.96mm×1.96mm )




Similar Part No. - AP1014AEC

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
More results


Similar Description - AP1014AEC

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
Asahi Kasei Microsystem...
AP1016AEN AKM-AP1016AEN Datasheet
622Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1019 AKM-AP1019 Datasheet
581Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com