Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMU16 Datasheet (PDF) - Intersil Corporation

HMU16 Datasheet PDF - Intersil Corporation
Part # HMU16
Download  HMU16 Download

File Size   203.17 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16 x 16-Bit CMOS Parallel Multiplier

HMU16 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMU16 Datasheet PDF - Intersil Corporation

Part # HMU16
Download  HMU16 Click to download

File Size   203.17 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16 x 16-Bit CMOS Parallel Multiplier

HMU16 Datasheet (HTML) - Intersil Corporation

HMU16 Datasheet HTML 1Page - Intersil Corporation HMU16 Datasheet HTML 2Page - Intersil Corporation HMU16 Datasheet HTML 3Page - Intersil Corporation HMU16 Datasheet HTML 4Page - Intersil Corporation HMU16 Datasheet HTML 5Page - Intersil Corporation HMU16 Datasheet HTML 6Page - Intersil Corporation HMU16 Datasheet HTML 7Page - Intersil Corporation

HMU16 Product details

16 x 16-Bit CMOS Parallel Multipliers

The HMU16 and HMU17 are high speed, low power CMOS 16-bit x 16-bit multipliers ideal for fast, real time digital signal processing applications.

Features
• 16 x 16-Bit Parallel Multiplier with Full 32-Bit Product
• High-Speed (35ns) Clocked Multiply Time
• Low Power Operation
    - ICCSB = 500µA Maximum
    - ICCOP = 7.0mA Maximum at 1MHz
• Supports Two’s Complement, Unsigned Magnitude and Mixed Mode Multiplication
• HMU16 is Compatible with the AM29516, LMU16, IDT7216 and the CY7C516
• HMU17 is Compatible with the AM29517, LMU17, IDT7217 and the CY7C517
• TTL Compatible Inputs/Outputs
• Three-State Outputs

Applications
• Fast Fourier Transform Analysis
• Digital Filtering
• Graphic Display Systems
• Image Processing
• Radar and Sonar
• Speech Synthesis and Recognition




Similar Part No. - HMU16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU16 INTERSIL-HMU16 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU16 RENESAS-HMU16 Datasheet
656Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
Intersil Corporation
HMU16GC-35 INTERSIL-HMU16GC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU16GC-35 RENESAS-HMU16GC-35 Datasheet
656Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
Intersil Corporation
HMU16GC-45 INTERSIL-HMU16GC-45 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
More results


Similar Description - HMU16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com