Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMA510GM-75883 Datasheet (PDF) - Intersil Corporation

HMA510GM-75883 Datasheet PDF - Intersil Corporation
Part # HMA510GM-75883
Download  HMA510GM-75883 Download

File Size   180.59 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16 x 16-Bit CMOS Parallel Multiplier Accumulator

HMA510GM-75883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMA510GM-75883 Datasheet PDF - Intersil Corporation

Part # HMA510GM-75883
Download  HMA510GM-75883 Click to download

File Size   180.59 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16 x 16-Bit CMOS Parallel Multiplier Accumulator

HMA510GM-75883 Datasheet (HTML) - Intersil Corporation

HMA510GM-75883 Datasheet HTML 1Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 2Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 3Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 4Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 5Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 6Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 7Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 8Page - Intersil Corporation HMA510GM-75883 Datasheet HTML 9Page - Intersil Corporation

HMA510GM-75883 Product details

Description
The HMA510/883 is a high speed, low power CMOS 16 x 16-bit parallel multiplier accumulator capable of operating at 55ns clocked multiply-accumulate cycles. The 16-bit X and Y operands may be specified as either two’s complement or unsigned magnitude format. Additional inputs are provided for the accumulator functions which include: loading the accumulator with the current product, adding or subtracting the accumulator contents and the current product, and preloading the Accumulator Registers from the external inputs.

Features
• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1.
• 16 x 16-Bit Parallel Multiplication with Accumulation to a 35-Bit Result
• High-Speed (55ns) Multiply Accumulate Time
• Low Power CMOS Operation
    - ICCSB = 500µA Maximum
    - ICCOP = 7.0mA Maximum at 1.0MHz
• HMA510/883 is Compatible with the CY7C510 and the IDT7210
• Supports Two’s Complement or Unsigned Magnitude Operations
• Three-State Outputs




Similar Part No. - HMA510GM-75883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510GC-55 INTERSIL-HMA510GC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results


Similar Description - HMA510GM-75883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com