Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI7131 Datasheet (PDF) - Intersil Corporation

HI7131 Datasheet PDF - Intersil Corporation
Part # HI7131
Download  HI7131 Download
File Size   209.2 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters

HI7131 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI7131 Datasheet PDF - Intersil Corporation

Part # HI7131
Download  HI7131 Click to download

File Size   209.2 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters

HI7131 Datasheet (HTML) - Intersil Corporation


HI7131 Product details

Description
The Intersil HI7131 and HI7133 are 3 1/2 digit, A/D converters that have been optimized for superior DC Common Mode Rejection (CMRR) when used with a split ±5V supply or a single 9V battery. The HI7131 contains all the necessary active components on a single IC to directly interface an LCD (Liquid Crystal Display). The supply current is under 100µA and is ideally suited for battery operation. The HI7133 contains all the necessary active components on a single IC to directly interface an LED (Light Emitting Diode).

Features
• 120dB CMRR Equal to ±0.01 Count/V of Common Mode Voltage Error
• Fast Recovery from Input Overrange Results “Correct First-Reading” After Overload
• Guaranteed 0000 Reading for 0V Input
• True Polarity at Zero for Precise Null Detection
• 1pA Input Current (Typ)
• True Differential Input and Reference
• Single or Dual Supply Operation Capability
• Direct LCD Display Drive - HI7131
• Direct LED Display Drive - HI7133
• Low Noise, 15µVP-P Without Hysteresis or Overrange Hangover
• Low Power Dissipation, Guaranteed Less Than 1mW, Results 8000 Hours (Typ) 9V Battery Life
• No Additional Active Components Required

Applications
• Handheld Instruments
• Basic Measurements: Voltage, Current, Resistance Pressure, Temperature, Fluid Flow and Level, pH, Weight, Light Intensity
• DMMs and DPMs




Similar Part No. - HI7131

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7131 INTERSIL-HI7131 Datasheet
939Kb / 25P
3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
HI7131CM44 INTERSIL-HI7131CM44 Datasheet
939Kb / 25P
3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
HI7131CPL INTERSIL-HI7131CPL Datasheet
939Kb / 25P
3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
More results


Similar Description - HI7131

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
3 1/2 Digit, LCD/LED Display, A/D Converters
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Unisonic Technologies
M7206 UTC-M7206 Datasheet
311Kb / 8P
3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
31/2 Digit, LCD/LED Display, A/D Converters
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com