Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI7106 Datasheet (PDF) - Intersil Corporation

HI7106 Datasheet PDF - Intersil Corporation
Part # HI7106
Download  HI7106 Download
File Size   123.4 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 1/2 Digit, LCD/LED Display, A/D Converter

HI7106 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI7106 Datasheet PDF - Intersil Corporation

Part # HI7106
Download  HI7106 Click to download

File Size   123.4 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 1/2 Digit, LCD/LED Display, A/D Converter

HI7106 Datasheet (HTML) - Intersil Corporation


HI7106 Product details

Description
The Intersil HI7106 is a high performance, low power, 31/2 digit A/D converter. Included are seven segment decoders, display drivers, a reference, and a clock. The HI7106 is designed to interface with a liquid crystal display (LCD) and includes a multiplexed backplane drive.
The HI7106 brings together a combination of high accuracy, versatility, and true economy. It features auto-zero to less than 10µV, zero drift of less than 1µV/oC, input bias current of 10pA (Max), and rollover error of less than one count. True differential inputs and reference are useful in all sys tems, but give the designer an uncommon advantage when measuring load cells, strain gauges and other bridge type transducers. Finally, the true economy of single power supply operation enables a high performance panel meter to be built with the addition of only 10 passive components and a display.

Features
• Guaranteed Zero Reading for 0V Input on All Scales
• True Polarity at Zero for Precise Null Detection
• 1pA Typical Input Current
• True Differential Input and Reference, Direct Display Drive
• Low Noise - Less Than 15µVP-P
• On Chip Clock and Reference
• Low Power Dissipation - Typically Less Than 10mW
• No Additional Active Circuits Required
• Enhanced Display Stability
• Enhanced VCOM Reference Stability




Similar Part No. - HI7106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106C/D INTERSIL-HI7106C/D Datasheet
243Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106CPL INTERSIL-HI7106CPL Datasheet
243Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
More results


Similar Description - HI7106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
3 1/2 Digit, LCD/LED Display, A/D Converters
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LED
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
31/2 Digit, LCD/LED Display, A/D Converters
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com