Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5766 Datasheet (PDF) - Intersil Corporation

HI5766 Datasheet PDF - Intersil Corporation
Part # HI5766
Download  HI5766 Download
File Size   155.45 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit, 60 MSPS A/D Converter

HI5766 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5766 Datasheet PDF - Intersil Corporation

Part # HI5766
Download  HI5766 Click to download

File Size   155.45 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit, 60 MSPS A/D Converter

HI5766 Datasheet (HTML) - Intersil Corporation


HI5766 Product details

10-Bit, 60MSPS A/D Converter

The HI5766 is a monolithic, 10-bit, analog-to-digital converter fabricated in a CMOS process. It is designed for high speed applications where wide bandwidth and low power consumption are essential. Its 60MSPS speed is made possible by a fully differential pipelined architecture with an internal sample and hold.

Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 60MSPS
• 8.3 Bits at fIN = 10MHz
• Low Power at 60MSPS . . . . . . . . . . . . . . . . . . . . 260mW
• Wide Full Power Input Bandwidth . . . . . . . . . . . . 250MHz
• On Chip Sample and Hold
• Fully Differential or Single-Ended Analog Input
• Single Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . .+5V
• TTL/CMOS Compatible Digital Inputs
• CMOS Compatible Digital Outputs. . . . . . . . . . . . 3.0/5.0V
• Offset Binary or Two’s Complement Output Format
• Pb-Free Available (RoHS Compliant)

Applications
• Professional Video Digitizing
• Medical Imaging
• Digital Communication Systems
• High Speed Data Acquisition




Similar Part No. - HI5766

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5766 RENESAS-HI5766 Datasheet
779Kb / 16P
10-Bit, 60MSPS A/D Converter
logo
Intersil Corporation
HI5766EVAL1 INTERSIL-HI5766EVAL1 Datasheet
799Kb / 16P
10-Bit, 60MSPS A/D Converter
logo
Renesas Technology Corp
HI5766EVAL1 RENESAS-HI5766EVAL1 Datasheet
779Kb / 16P
10-Bit, 60MSPS A/D Converter
logo
Intersil Corporation
HI5766KCA INTERSIL-HI5766KCA Datasheet
799Kb / 16P
10-Bit, 60MSPS A/D Converter
logo
Renesas Technology Corp
HI5766KCA RENESAS-HI5766KCA Datasheet
779Kb / 16P
10-Bit, 60MSPS A/D Converter
More results


Similar Description - HI5766

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9020 AD-AD9020 Datasheet
204Kb / 12P
10-Bit 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9051 AD-AD9051 Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV. A
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
10-Bit, 60 MSPS A-D Converter
REV. C
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
10-Bit 60 MSPS A/D Converter
REV. C
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
10-Bit, 60 MSPS A/D Converter
REV. C
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com