Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5714 Datasheet (PDF) - Intersil Corporation

HI5714 Datasheet PDF - Intersil Corporation
Part # HI5714
Download  HI5714 Download

File Size   114.49 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 40/60/75/80 MSPS A/D Converter

HI5714 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5714 Datasheet PDF - Intersil Corporation

Part # HI5714
Download  HI5714 Click to download

File Size   114.49 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 40/60/75/80 MSPS A/D Converter

HI5714 Datasheet (HTML) - Intersil Corporation

Back Button HI5714 Datasheet HTML 1Page - Intersil Corporation HI5714 Datasheet HTML 2Page - Intersil Corporation HI5714 Datasheet HTML 3Page - Intersil Corporation HI5714 Datasheet HTML 4Page - Intersil Corporation HI5714 Datasheet HTML 5Page - Intersil Corporation HI5714 Datasheet HTML 6Page - Intersil Corporation HI5714 Datasheet HTML 7Page - Intersil Corporation HI5714 Datasheet HTML 8Page - Intersil Corporation HI5714 Datasheet HTML 9Page - Intersil Corporation HI5714 Datasheet HTML 10Page - Intersil Corporation Next Button 

HI5714 Product details

The HI5714 is a high precision, monolithic, 8-bit, Analog-to-Digital Converter fabricated in Intersil’ advanced HBC10 BiCMOS process.

Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . 40/60/75/80 MSPS
• Low Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .325mW
• 7.65 ENOB at 4.43MHz
• Overflow/Underflow Three-State TTL Output
• Operates with Low Level AC Clock
• Very Low Analog Input Capacitance
• No Buffer Amplifier Required
• No Sample and Hold Required
• TTL Compatible I/O
• Pin-Compatible to Philips TDA8714
• Pb-free Available

Applications
• Video Digitizing
• QAM Demodulator
• Digital Cable Setup Box
• Tape Drive/Mass Storage
• Medical Ultrasound Imaging
• Communication Systems




Similar Part No. - HI5714

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
597Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Intersil Corporation
HI5714/4CB INTERSIL-HI5714/4CB Datasheet
597Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Renesas Technology Corp
HI5714/4CB RENESAS-HI5714/4CB Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Intersil Corporation
HI5714/4CBZ INTERSIL-HI5714/4CBZ Datasheet
597Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Similar Description - HI5714

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Intersil Corporation
HI5714 INTERSIL-HI5714_04 Datasheet
597Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com