Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1177 Datasheet (PDF) - Intersil Corporation

HI1177 Datasheet PDF - Intersil Corporation
Part # HI1177
Download  HI1177 Download

File Size   105.77 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 40MSPS, 2-Channel D/A Converter

HI1177 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1177 Datasheet PDF - Intersil Corporation

Part # HI1177
Download  HI1177 Click to download

File Size   105.77 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 40MSPS, 2-Channel D/A Converter

HI1177 Datasheet (HTML) - Intersil Corporation


HI1177 Product details

The HI1177 is a dual 8-bit CMOS digital-to-analog converter It has input/output equivalent to 2 channels of Y and C for video use or I and Q for modulators.
The HI1177 is available in the industrial temperature range and is supplied in a 32 lead plastic metric quad flatpack (MQFP) package.

Features
• Resolution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8-Bit
• Maximum Conversion Speed . . . . . . . . . . . . . . . . . 40MHz
• YC 2-Channel Input/Output
• Differential Linearity Error. . . . . . . . . . . . . . . . . ± 0.3 LSB
• Low Power Consumption . . . . . . . . . . . . . . . . . . . .160mW (200Ω Load for 2VP-P Output)
• Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . . +5V Single
• Power-Down Mode
• Low Glitch Noise
• Direct Replacment for Sony CXD1177

Applications
• I/Q Modulation
• YC Video
• Digital TV
• Wireless Transmitters




Similar Part No. - HI1177

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
HI1177JCQ RENESAS-HI1177JCQ Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results


Similar Description - HI1177

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Sony Corporation
CXD1177Q SONY-CXD1177Q Datasheet
200Kb / 13P
   8-bit 40MSPS YC 2-channel D/A Converter
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
   8-BIT, 40MSPS, 40mW A/D CONVERTER
logo
Sony Corporation
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
   8-bit 40MSPS RGB 3-channel D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
logo
Intersil Corporation
HI1178 INTERSIL-HI1178_05 Datasheet
428Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
logo
Renesas Technology Corp
HI1178 RENESAS-HI1178 Datasheet
591Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Fujitsu Component Limit...
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
   2-Channel 8-BIT D/A Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com