Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0200-5 Datasheet (PDF) - Intersil Corporation

HI1-0200-5 Datasheet PDF - Intersil Corporation
Part # HI1-0200-5
Download  HI1-0200-5 Download

File Size   383.18 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual/Quad SPST, CMOS Analog Switches

HI1-0200-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1-0200-5 Datasheet PDF - Intersil Corporation

Part # HI1-0200-5
Download  HI1-0200-5 Click to download

File Size   383.18 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual/Quad SPST, CMOS Analog Switches

HI1-0200-5 Datasheet (HTML) - Intersil Corporation

HI1-0200-5 Datasheet HTML 1Page - Intersil Corporation HI1-0200-5 Datasheet HTML 2Page - Intersil Corporation HI1-0200-5 Datasheet HTML 3Page - Intersil Corporation HI1-0200-5 Datasheet HTML 4Page - Intersil Corporation HI1-0200-5 Datasheet HTML 5Page - Intersil Corporation HI1-0200-5 Datasheet HTML 6Page - Intersil Corporation HI1-0200-5 Datasheet HTML 7Page - Intersil Corporation HI1-0200-5 Datasheet HTML 8Page - Intersil Corporation HI1-0200-5 Datasheet HTML 9Page - Intersil Corporation HI1-0200-5 Datasheet HTML 10Page - Intersil Corporation

HI1-0200-5 Product details

HI-200/HI-201 (dual/quad) are monolithic devices comprising independently selectable SPST switches which feature fast switching speeds (HI-200 240ns, and HI-201 185ns) combined with low power dissipation (15mW at 25°C). Each switch provides low “ON” resistance operation for input signal voltage up to the supply rails and for signal current up to 80mA. Rugged DI construction eliminates latch-up and substrate SCR failure modes.

Features
• Pb-Free Available (RoHS Compliant)
• Analog Voltage Range . . . . . . . . . . . . . . . . . . . . . . . ±15V
• Analog Current Range . . . . . . . . . . . . . . . . . . . . . . . 80mA
• Turn-On Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240ns
• Low rON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55Ω
• Low Power Dissipation. . . . . . . . . . . . . . . . . . . . . . .15mW
• TTL/CMOS Compatible

Applications
• High Frequency Analog Switching
• Sample and Hold Circuits
• Digital Filters
• Operational Amplifier Gain Switching Networks




Similar Part No. - HI1-0200-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
HI1-0201-2 MAXIM-HI1-0201-2 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
HI1-0201-2 INTERSIL-HI1-0201-2 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI1-0201-2 RENESAS-HI1-0201-2 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Intersil Corporation
HI1-0201-4 INTERSIL-HI1-0201-4 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
HI1-0201-5 MAXIM-HI1-0201-5 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
More results


Similar Description - HI1-0200-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com