Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTD7N60A4S Datasheet (PDF) - Intersil Corporation

HGTD7N60A4S Datasheet PDF - Intersil Corporation
Part # HGTD7N60A4S
Download  HGTD7N60A4S Download

File Size   168.06 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 600V, SMPS Series N-Channel IGBT

HGTD7N60A4S Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTD7N60A4S Datasheet PDF - Intersil Corporation

Part # HGTD7N60A4S
Download  HGTD7N60A4S Click to download

File Size   168.06 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 600V, SMPS Series N-Channel IGBT

HGTD7N60A4S Datasheet (HTML) - Intersil Corporation

Back Button HGTD7N60A4S Datasheet HTML 1Page - Intersil Corporation HGTD7N60A4S Datasheet HTML 2Page - Intersil Corporation HGTD7N60A4S Datasheet HTML 3Page - Intersil Corporation HGTD7N60A4S Datasheet HTML 4Page - Intersil Corporation HGTD7N60A4S Datasheet HTML 5Page - Intersil Corporation HGTD7N60A4S Datasheet HTML 6Page - Intersil Corporation HGTD7N60A4S Datasheet HTML 7Page - Intersil Corporation HGTD7N60A4S Datasheet HTML 8Page - Intersil Corporation HGTD7N60A4S Datasheet HTML 9Page - Intersil Corporation HGTD7N60A4S Datasheet HTML 10Page - Intersil Corporation Next Button 

HGTD7N60A4S Product details

The HGTD7N60A4S, HGT1S7N60A4S, HGTG7N60A4 and HGTP7N60A4 are MOS gated high voltage switching devices combining the best features of MOSFETs and bipolar transistors. These devices have the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25°C and 150°C.
This IGBT is ideal for many high voltage switching applications operating at high frequencies where low conduction losses are essential. This device has been optimized for high frequency switch mode power supplies.

Features
• >100kHz Operation at 390V, 7A
• 200kHz Operation at 390V, 5A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . . . . .75ns at TJ = 125°C
• Low Conduction Loss
• Temperature Compensating SABER™ Model
   www.intersil.com




Similar Part No. - HGTD7N60A4S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD7N60B3S INTERSIL-HGTD7N60B3S Datasheet
92Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
HGTD7N60C3S HARRIS-HGTD7N60C3S Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTD7N60C3S FAIRCHILD-HGTD7N60C3S Datasheet
166Kb / 8P
   14A, 600V, UFS Series N-Channel IGBTs
More results


Similar Description - HGTD7N60A4S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTD3N60A4S INTERSIL-HGTD3N60A4S Datasheet
156Kb / 10P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60A4 INTERSIL-HGTG40N60A4 Datasheet
93Kb / 8P
   600V, SMPS Series N-Channel IGBT
April 2000
HGTP12N60A4 INTERSIL-HGTP12N60A4 Datasheet
115Kb / 10P
   600V, SMPS Series N-Channel IGBT
May 1999
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com