Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP2N120CN Datasheet (PDF) - Intersil Corporation

HGTP2N120CN Datasheet PDF - Intersil Corporation
Part # HGTP2N120CN
Download  HGTP2N120CN Download

File Size   89.48 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 13A, 1200V, NPT Series N-Channel IGBT

HGTP2N120CN Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTP2N120CN Datasheet PDF - Intersil Corporation

Part # HGTP2N120CN
Download  HGTP2N120CN Click to download

File Size   89.48 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 13A, 1200V, NPT Series N-Channel IGBT

HGTP2N120CN Datasheet (HTML) - Intersil Corporation

HGTP2N120CN Datasheet HTML 1Page - Intersil Corporation HGTP2N120CN Datasheet HTML 2Page - Intersil Corporation HGTP2N120CN Datasheet HTML 3Page - Intersil Corporation HGTP2N120CN Datasheet HTML 4Page - Intersil Corporation HGTP2N120CN Datasheet HTML 5Page - Intersil Corporation HGTP2N120CN Datasheet HTML 6Page - Intersil Corporation HGTP2N120CN Datasheet HTML 7Page - Intersil Corporation

HGTP2N120CN Product details

The HGTD2N120CNS, HGTP2N120CN, and HGT1S2N120CNS are Non-Punch Through (NPT) IGBT designs. They are new members of the MOS gated high voltage switching IGBT family. IGBTs combine the best features of MOSFETs and bipolar transistors. This device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor.

Features
• 13A, 1200V, TC = 25°C
• 1200V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . 360ns at TJ = 150°C
• Short Circuit Rating
• Low Conduction Loss
• Avalanche Rated
• Temperature Compensating SABER™ Model Thermal Impedance SPICE Model www.intersil.com
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HGTP2N120CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP2N120CN FAIRCHILD-HGTP2N120CN Datasheet
498Kb / 9P
   13A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTP2N120CND INTERSIL-HGTP2N120CND Datasheet
92Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTP2N120CNS FAIRCHILD-HGTP2N120CNS Datasheet
498Kb / 9P
   13A, 1200V, NPT Series N-Channel IGBT
More results


Similar Description - HGTP2N120CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTD2N120CNS FAIRCHILD-HGTD2N120CNS Datasheet
498Kb / 9P
   13A, 1200V, NPT Series N-Channel IGBT
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG11N120CN INTERSIL-HGTG11N120CN Datasheet
81Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com