Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTA32N60E2 Datasheet (PDF) - Intersil Corporation

HGTA32N60E2 Datasheet PDF - Intersil Corporation
Part # HGTA32N60E2
Download  HGTA32N60E2 Download

File Size   31.92 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 32A, 600V N-Channel IGBT

HGTA32N60E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTA32N60E2 Datasheet PDF - Intersil Corporation

Part # HGTA32N60E2
Download  HGTA32N60E2 Click to download

File Size   31.92 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 32A, 600V N-Channel IGBT

HGTA32N60E2 Datasheet (HTML) - Intersil Corporation

HGTA32N60E2 Datasheet HTML 1Page - Intersil Corporation HGTA32N60E2 Datasheet HTML 2Page - Intersil Corporation HGTA32N60E2 Datasheet HTML 3Page - Intersil Corporation HGTA32N60E2 Datasheet HTML 4Page - Intersil Corporation

HGTA32N60E2 Product details

Description
The IGBT is a MOS gated high voltage switching device combining the best features of MOSFETs and bipolar transistors. The device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between +25°C and +150°C.

Features
• 32A, 600V
• Latch Free Operation
• Typical Fall Time 620ns
• High Input Impedance
• Low Conduction Loss




Similar Part No. - HGTA32N60E2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4 FAIRCHILD-HGT1N40N60A4 Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1S10N120BNS FAIRCHILD-HGT1S10N120BNS Datasheet
217Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGT1S10N120BNS INTERSIL-HGT1S10N120BNS Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
More results


Similar Description - HGTA32N60E2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG32N60E2 INTERSIL-HGTG32N60E2 Datasheet
33Kb / 4P
   32A, 600V N-Channel IGBT
April 1995
HGTG24N60D1 INTERSIL-HGTG24N60D1 Datasheet
32Kb / 4P
   24A, 600V N-Channel IGBT
May 1995
HGTP12N60D1 INTERSIL-HGTP12N60D1 Datasheet
31Kb / 4P
   12A, 600V N-Channel IGBT
April 1995
logo
ON Semiconductor
NGTB03N60R2DT4G ONSEMI-NGTB03N60R2DT4G Datasheet
598Kb / 8P
   IGBT 600V, 4.5A, N-Channel
September 2015 - Rev. 3
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
logo
ON Semiconductor
NGTB05N60R2DT4G ONSEMI-NGTB05N60R2DT4G Datasheet
527Kb / 7P
   IGBT 600V, 8A, N-Channel
January 2015 - Rev. 2
NGTB10N60R2DT4G ONSEMI-NGTB10N60R2DT4G Datasheet
531Kb / 7P
   IGBT 600V, 10A, N-Channel
January 2015 - Rev. 2
NGTB15N60R2FG ONSEMI-NGTB15N60R2FG Datasheet
737Kb / 7P
   IGBT 600V, 14A, N-Channel
December 2014 - Rev. 1
logo
Fairchild Semiconductor
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com