Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKSPLT-G-BLK-50-R Datasheet (PDF) - Assmann Electronics Inc.

AKSPLT-G-BLK-50-R Datasheet PDF - Assmann Electronics Inc.
Part # AKSPLT-G-BLK-50-R
Download  AKSPLT-G-BLK-50-R Download

File Size   54.27 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description Mini Jumper - w/Removal Grip, 2.54MM pitch

AKSPLT-G-BLK-50-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AKSPLT-G-BLK-50-R Datasheet PDF - Assmann Electronics Inc.

Part # AKSPLT-G-BLK-50-R
Download  AKSPLT-G-BLK-50-R Click to download

File Size   54.27 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description Mini Jumper - w/Removal Grip, 2.54MM pitch

AKSPLT-G-BLK-50-R Datasheet (HTML) - Assmann Electronics Inc.

AKSPLT-G-BLK-50-R Datasheet HTML 1Page - Assmann Electronics Inc.



Similar Part No. - AKSPLT-G-BLK-50-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AKSPLT-G-BLK-30-R ASSMANN-AKSPLT-G-BLK-30-R Datasheet
54Kb / 1P
   Mini Jumper - w/Removal Grip, 2.54MM pitch
More results


Similar Description - AKSPLT-G-BLK-50-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AKSPLT-G-BLK-30-R ASSMANN-AKSPLT-G-BLK-30-R Datasheet
54Kb / 1P
   Mini Jumper - w/Removal Grip, 2.54MM pitch
AKSPT-G-BLK-50-R ASSMANN-AKSPT-G-BLK-50-R Datasheet
57Kb / 1P
   Mini Jumper - w/Test Slot, 2.54 pitch
AKSPT-G-BLK-30-R ASSMANN-AKSPT-G-BLK-30-R Datasheet
57Kb / 1P
   Mini Jumper - w/Test Slot, 2.54 pitch
logo
SUYIN USA, INC.
254291FD SUYIN-USA-254291FD Datasheet
113Kb / 1P
   2.54mm (0.1) PITCH MINI JUMPER
logo
TE Connectivity Ltd
408-10466 TEC-408-10466 Datasheet
108Kb / 2P
   HD Mini-SAS Removal Tools
logo
SUYIN USA, INC.
200160FD SUYIN-USA-200160FD Datasheet
102Kb / 1P
   2.0mm MINI-JUMPER
logo
Adam Technologies, Inc.
MSK-G ADAM-TECH-MSK-G Datasheet
69Kb / 1P
   MINI JUMPER HEIGHT
logo
Yamaichi Electronics Co...
ZJ1-O-35-G1 YAMAICHI-ZJ1-O-35-G1 Datasheet
32Kb / 1P
   Mini-Jumper 2.00mm
logo
Adam Technologies, Inc.
MSF-G ADAM-TECH-MSF-G Datasheet
71Kb / 1P
   MINI JUMPER CLOSED TYPE
logo
Molex Electronics Ltd.
62203-0450 MOLEX11-62203-0450 Datasheet
43Kb / 1P
   Removal Tool
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com