Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5330 Datasheet (PDF) - Intersil Corporation

HA-5330 Datasheet PDF - Intersil Corporation
Part # HA-5330
Download  HA-5330 Download

File Size   63.41 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 650ns Precision Sample and Hold Amplifier

HA-5330 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5330 Datasheet PDF - Intersil Corporation

Part # HA-5330
Download  HA-5330 Click to download

File Size   63.41 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 650ns Precision Sample and Hold Amplifier

HA-5330 Datasheet (HTML) - Intersil Corporation

HA-5330 Datasheet HTML 1Page - Intersil Corporation HA-5330 Datasheet HTML 2Page - Intersil Corporation HA-5330 Datasheet HTML 3Page - Intersil Corporation HA-5330 Datasheet HTML 4Page - Intersil Corporation HA-5330 Datasheet HTML 5Page - Intersil Corporation

HA-5330 Product details

The HA-5330 is a very fast sample and hold amplifier designed primarily for use with high speed A/D converters. It utilizes the Intersil Dielectric Isolation process to achieve a 650ns acquisition time to 12-bit accuracy and a droop rate of 0.01µV/µs. The circuit consists of an input transconductance amplifier capable of producing large amounts of charging current, a low leakage analog switch, and an integrating output stage which includes a 90pF hold capacitor.



Features

• Very Fast Acquisition . . . . . . 500ns (0.1%) 650ns (0.01%)

• Low Droop Rate . . . . . . . . . . . . . . . . . . . . . . . . 0.01µV/µs

• Very Low Offset . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.2mV

• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V/µs

• Wide Supply Range . . . . . . . . . . . . . . . . . . . . . ±10V to ±20V

• Internal Hold Capacitor

• Fully Differential Input

• TTL/CMOS Compatible



Applications

• Precision Data Acquisition Systems

• D/A Converter Deglitching

• Auto-Zero Circuits

• Peak Detectors




Similar Part No. - HA-5330

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330 Datasheet
278Kb / 5P
   650ns Precision Sample and Hold Amplifier
HA-5330 INTERSIL-HA-5330 Datasheet
283Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330_04 Datasheet
278Kb / 5P
   650ns Precision Sample and Hold Amplifier
More results


Similar Description - HA-5330

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330_04 Datasheet
278Kb / 5P
   650ns Precision Sample and Hold Amplifier
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320_05 Datasheet
232Kb / 8P
   1 Microsecond Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585_17 Datasheet
526Kb / 6P
   High speed, Precision Sample-and-hold Amplifier
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320 Datasheet
85Kb / 7P
   1 Microsecond Precision Sample and Hold Amplifier
April 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com