Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4508BMS Datasheet (PDF) - Intersil Corporation

CD4508BMS Datasheet PDF - Intersil Corporation
Part # CD4508BMS
Download  CD4508BMS Download

File Size   85.96 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual 4-Bit Latch

CD4508BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4508BMS Datasheet PDF - Intersil Corporation

Part # CD4508BMS
Download  CD4508BMS Click to download

File Size   85.96 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual 4-Bit Latch

CD4508BMS Datasheet (HTML) - Intersil Corporation

CD4508BMS Datasheet HTML 1Page - Intersil Corporation CD4508BMS Datasheet HTML 2Page - Intersil Corporation CD4508BMS Datasheet HTML 3Page - Intersil Corporation CD4508BMS Datasheet HTML 4Page - Intersil Corporation CD4508BMS Datasheet HTML 5Page - Intersil Corporation CD4508BMS Datasheet HTML 6Page - Intersil Corporation CD4508BMS Datasheet HTML 7Page - Intersil Corporation CD4508BMS Datasheet HTML 8Page - Intersil Corporation CD4508BMS Datasheet HTML 9Page - Intersil Corporation

CD4508BMS Product details

Description
CD4508BMS dual 4-bit latch contains two identical 4-bit latches with separate STROBE, RESET, and OUTPUT DISABLE controls. With the STROBE line in the high state, the data on the "D" inputs appear at the corresponding "Q" outputs provided the DISABLE line is in the low state. Changing the STROBE line to the low state locks the data into the latch. A high on the reset line forces the outputs to a low level regardless of the state of the STROBE input. The outputs are forced to the high-impedance state for bus line applications by a high level on the DISABLE input.

Features
• High-Voltage Types (20-Volt Rating)
• Two Independent 4-Bit Latches
• Individual Master Reset for Each 4-Bit Latch
• 3-State Outputs with High-Impedance State for Bus Line Applications
• Medium-Speed Operation: tPHL = tPLH = 70nS (Typ.) at VDD = 10V and CL = 50pF
• 100% Tested for Quiescent Current at 20V
• 5V, 10V, and 15V Parametric Ratings
• Standardized, Symmetrical Output Characteristics
• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and 25oC
• Noise Margin (Full Package-Temperature Range):
    - 1V at VDD = 5V
    - 2V at VDD = 10V
    - 2.5V at VDD = 15V
• Meets all Requirements of JEDEC Tentative Standard No. 13B, "Standard Specifications for Description of ‘B’ Series CMOS Devices"

Applications
• Buffer Storage
• Holding Registers
• Data Storage and Multiplexing




Similar Part No. - CD4508BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4508BM TI-CD4508BM Datasheet
228Kb / 14P
[Old version datasheet]   CMOS DUAL 4-BIT LATCH
CD4508BM TI1-CD4508BM Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
CD4508BM96 TI-CD4508BM96 Datasheet
228Kb / 14P
[Old version datasheet]   CMOS DUAL 4-BIT LATCH
CD4508BM96 TI1-CD4508BM96 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
CD4508BME4 TI1-CD4508BME4 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
More results


Similar Description - CD4508BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4508B TI1-CD4508B_15 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
logo
Renesas Technology Corp
CD4512BMS RENESAS-CD4512BMS Datasheet
332Kb / 8P
   CMOS Dual 4-Bit Latch
December 1992
logo
Texas Instruments
CD4508B TI-CD4508B Datasheet
228Kb / 14P
[Old version datasheet]   CMOS DUAL 4-BIT LATCH
logo
Intersil Corporation
CD4512BMS INTERSIL-CD4512BMS Datasheet
67Kb / 8P
   CMOS Dual 4-Bit Latch
December 1992
logo
NXP Semiconductors
HEF4508B PHILIPS-HEF4508B Datasheet
107Kb / 9P
   Dual 4-bit latch
January 1995
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
   Dual 4-Bit Latch
93L08 NSC-93L08 Datasheet
99Kb / 4P
   Dual 4-Bit Latch
logo
Motorola, Inc
MC14508B MOTOROLA-MC14508B Datasheet
205Kb / 7P
   Dual 4-Bit Latch
logo
List of Unclassifed Man...
MMC4508 ETC1-MMC4508 Datasheet
167Kb / 5P
   DUAL 4-BIT LATCH
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
   Dual 4-Bit Addressable Latch
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com