Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU-Y1002-A Datasheet (PDF) - Assmann Electronics Inc.

AU-Y1002-A Datasheet PDF - Assmann Electronics Inc.
Part # AU-Y1002-A
Download  AU-Y1002-A Download

File Size   239.28 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description CABLE 28AWG, UL2725

AU-Y1002-A Datasheet (PDF)

Go To PDF Page Download Datasheet
AU-Y1002-A Datasheet PDF - Assmann Electronics Inc.

Part # AU-Y1002-A
Download  AU-Y1002-A Click to download

File Size   239.28 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description CABLE 28AWG, UL2725

AU-Y1002-A Datasheet (HTML) - Assmann Electronics Inc.

AU-Y1002-A Datasheet HTML 1Page - Assmann Electronics Inc.



Similar Part No. - AU-Y1002-A

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AU-Y1005 ASSMANN-AU-Y1005 Datasheet
241Kb / 1P
   ASS 5773 CO
AU-Y1005-2-R ASSMANN-AU-Y1005-2-R Datasheet
59Kb / 1P
   USB 2.0 A/F DIP 90 Connector for PCB Mount, 30 Gold, White
AU-Y1005-3 ASSMANN-AU-Y1005-3 Datasheet
126Kb / 1P
   ASS 6300 CO
AU-Y1005-R ASSMANN-AU-Y1005-R Datasheet
59Kb / 1P
   USB 1.1 A/F DIP 90 Connector for PCB Mount, 5 Gold, White
AU-Y1006 ASSMANN-AU-Y1006 Datasheet
242Kb / 1P
   ASS 5776 CO
More results


Similar Description - AU-Y1002-A

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK140-2-R ASSMANN-AK140-2-R Datasheet
220Kb / 1P
   CABLE : NON-UL 28AWG
AWG28-16-G-1-300 ASSMANN-AWG28-16-G-1-300 Datasheet
237Kb / 1P
   Grey Ribbon Cable, 28AWG
logo
Molex Electronics Ltd.
0888080016 MOLEX10-0888080016 Datasheet
271Kb / 6P
   28AWG Cable, Notch every 6
logo
Assmann Electronics Inc...
AWG28-09-F-1-300-R ASSMANN-AWG28-09-F-1-300-R Datasheet
75Kb / 1P
   Multi-Color Ribbon Cable - 28AWG
AWG28-50-F-1-300 ASSMANN-AWG28-50-F-1-300 Datasheet
75Kb / 1P
   Multi-Color Ribbon Cable - 28AWG
AWG28-16-F-1-300 ASSMANN-AWG28-16-F-1-300 Datasheet
75Kb / 1P
   Multi-Color Ribbon Cable - 28AWG
AWG28-40-F-1-300-R ASSMANN-AWG28-40-F-1-300-R Datasheet
75Kb / 1P
   Multi-Color Ribbon Cable - 28AWG
AWG28-25-F-1-300-R ASSMANN-AWG28-25-F-1-300-R Datasheet
75Kb / 1P
   Multi-Color Ribbon Cable - 28AWG,
AWG28-37-F-1-300-R ASSMANN-AWG28-37-F-1-300-R Datasheet
75Kb / 1P
   Multi-Color Ribbon Cable - 28AWG,
AWG28-44-F-1-300-R ASSMANN-AWG28-44-F-1-300-R Datasheet
75Kb / 1P
   Multi-Color Ribbon Cable - 28AWG
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com