Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3280 Datasheet (PDF) - Intersil Corporation

CA3280 Datasheet PDF - Intersil Corporation
Part # CA3280
Download  CA3280 Download

File Size   286.72 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 9MHz, Operational Transconductance Amplifier (OTA)

CA3280 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3280 Datasheet PDF - Intersil Corporation

Part # CA3280
Download  CA3280 Click to download

File Size   286.72 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 9MHz, Operational Transconductance Amplifier (OTA)

CA3280 Datasheet (HTML) - Intersil Corporation

CA3280 Datasheet HTML 1Page - Intersil Corporation CA3280 Datasheet HTML 2Page - Intersil Corporation CA3280 Datasheet HTML 3Page - Intersil Corporation CA3280 Datasheet HTML 4Page - Intersil Corporation CA3280 Datasheet HTML 5Page - Intersil Corporation CA3280 Datasheet HTML 6Page - Intersil Corporation CA3280 Datasheet HTML 7Page - Intersil Corporation CA3280 Datasheet HTML 8Page - Intersil Corporation CA3280 Datasheet HTML 9Page - Intersil Corporation CA3280 Datasheet HTML 10Page - Intersil Corporation

CA3280 Product details

The CA3280 and CA3280A types consist of two variable operational amplifiers that are designed to substantially reduce the initial input offset voltage and the offset voltage variation with respect to changes in programming current. This design results in reduced “AGC thump,” an objectionable characteristic of many AGC systems. Interdigitation, or crosscoupling, of critical portions of the circuit reduces the amplifier dependence upon thermal and processing variables.

Features
• Low Initial Input Offset Voltage: 500µV (Max) (CA3280A)
• Low Offset Voltage Change vs IABC: <500µV (Typ) for All Types
• Low Offset Voltage Drift: 5µV/oC (Max) (CA3280A)
• Excellent Matching of the Two Amplifiers for All Characteristics
• Internal Current-Driven Linearizing Diodes Reduce the External Input Current to an Offset Component
• Flexible Supply Voltage Range. . . . . . . . . . . ±2V to ±15V

Applications
• Voltage Controlled Amplifiers
• Voltage Controlled Oscillators
• Multipliers
• Demodulators
• Sample and Hold
• Instrumentation Amplifiers
• Function Generators
• Triangle Wave-to-Sine Wave Converters
• Comparators
• Audio Preamplifier




Similar Part No. - CA3280

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280A INTERSIL-CA3280A Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
CA3280AE INTERSIL-CA3280AE Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280AE RENESAS-CA3280AE Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Similar Description - CA3280

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com