Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS10D Datasheet (PDF) - Intersil Corporation

ACS10D Datasheet PDF - Intersil Corporation
Part # ACS10D
Download  ACS10D Download

File Size   106.22 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Triple Three-Input NAND Gate

ACS10D Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS10D Datasheet PDF - Intersil Corporation

Part # ACS10D
Download  ACS10D Click to download

File Size   106.22 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Triple Three-Input NAND Gate

ACS10D Datasheet (HTML) - Intersil Corporation

ACS10D Datasheet HTML 1Page - Intersil Corporation ACS10D Datasheet HTML 2Page - Intersil Corporation ACS10D Datasheet HTML 3Page - Intersil Corporation ACS10D Datasheet HTML 4Page - Intersil Corporation ACS10D Datasheet HTML 5Page - Intersil Corporation ACS10D Datasheet HTML 6Page - Intersil Corporation ACS10D Datasheet HTML 7Page - Intersil Corporation ACS10D Datasheet HTML 8Page - Intersil Corporation

ACS10D Product details

Description

The Intersil ACS10MS is a radiation hardened triple three-input NAND gate. A high on all inputs forces the output to a low state. The ACS10MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of the radiation hardened, high-speed, CMOS/SOS Logic Family.



Features

• 1.25 Micron Radiation Hardened SOS CMOS

• Total Dose 300K RAD (Si)

• Single Event Upset (SEU) Immunity <1 x 10-10 Errors/Bit-Day (Typ)

• SEU LET Threshold >80 MEV-cm2/mg

• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse

• Latch-Up Free Under Any Conditions

• Military Temperature Range: -55oC to +125oC

• Significant Power Reduction Compared to ALSTTL Logic

• DC Operating Voltage Range: 4.5V to 5.5V

• Input Logic Levels

- VIL = 30% of VCC Max

- VIH = 70% of VCC Min

• Input Current≤1µA at VOL, VOH




Similar Part No. - ACS10D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS101A SEMTECH-ACS101A Datasheet
122Kb / 12P
   Acapella Optical Modem IC
logo
STMicroelectronics
ACS102 STMICROELECTRONICS-ACS102 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1 STMICROELECTRONICS-ACS102-5T1 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1-TR STMICROELECTRONICS-ACS102-5T1-TR Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5TA STMICROELECTRONICS-ACS102-5TA Datasheet
97Kb / 8P
   AC LINE SWITCH
More results


Similar Description - ACS10D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS10MS INTERSIL-ACTS10MS Datasheet
112Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
   Radiation Hardened 8-Input NAND Gate
July 1999
logo
Renesas Technology Corp
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
   Radiation Hardened 8-Input NAND Gate
August 1995
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
   Radiation Hardened Quad2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
   Radiation Hardened 8-Input NAND Gate
August 1995
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
[Old version datasheet]   Radiation Hardened Quad 2 Input NAND Gate
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com