Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLM-5 Datasheet (PDF) - Cooper Bussmann, Inc.

KLM-5 Datasheet PDF - Cooper Bussmann, Inc.
Part # KLM-5
Download  KLM-5 Download

File Size   391.19 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses

KLM-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
KLM-5 Datasheet PDF - Cooper Bussmann, Inc.

Part # KLM-5
Download  KLM-5 Click to download

File Size   391.19 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses

KLM-5 Datasheet (HTML) - Cooper Bussmann, Inc.

KLM-5 Datasheet HTML 1Page - Cooper Bussmann, Inc. KLM-5 Datasheet HTML 2Page - Cooper Bussmann, Inc.



Similar Part No. - KLM-5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLM-5 COOPER-KLM-5 Datasheet
318Kb / 2P
   KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
KLM-5 EATON-KLM-5 Datasheet
318Kb / 2P
   KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
More results


Similar Description - KLM-5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLM-15 COOPER-KLM-15 Datasheet
391Kb / 2P
   13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
   13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
KLM EATON-KLM Datasheet
318Kb / 2P
   KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
KLM-1 COOPER-KLM-1_15 Datasheet
318Kb / 2P
   KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
   KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
KTK EATON-KTK Datasheet
279Kb / 2P
   KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
KLM-8 COOPER-KLM-8 Datasheet
391Kb / 2P
   13/32x 1-1/2 600Vac/dc Fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BBS EATON-BBS Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
BBS-11 COOPER-BBS-11 Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
   BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com